Electronic Components Datasheet Search
  English  ▼

X  

LEB-BA Datasheet(PDF) 1 Page - Littelfuse

Part # LEB-BA
Description  IN-LINE WATERTIGHT FUSE HOLDERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LEB-BA Datasheet(HTML) 1 Page - Littelfuse

  LEB-BA Datasheet HTML 1Page - Littelfuse LEB-BA Datasheet HTML 2Page - Littelfuse LEB-BA Datasheet HTML 3Page - Littelfuse LEB-BA Datasheet HTML 4Page - Littelfuse LEB-BA Datasheet HTML 5Page - Littelfuse LEB-BA Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Littelfuse.com
@ 2020 Littelfuse, Inc.
Rev: 052720
1 of 6
POWR-GARD® Blocks and Holders
IN-LINE WATERTIGHT FUSE HOLDERS
LEB/LEX
LEC/LEY
IMPROVED
Description
Recently redesigned, the Littelfuse 600 V ac/V dc in-line
watertight fuse holders allow maximum protection for high
humidity and corrosive environments. The fuse holders are
designed to be touch-safe and flexible for use in a variety
of applications. See the list below for the redesigned part
numbers.
Applications

Street lighting and parking lot lighting

Sports lighting and various outdoor illuminated signs

Boat electrical circuits, tractors/yard equipment and
general outdoor circuit protection (such as traffic
signals, alley lighting and electric wheelchairs)
TO
LOAD
TO
SOURCE
TO
LOAD
TO
SOURCE
Specifications
Voltage rating
600 V ac/V dc
Ampere rating
up to 30 A
Interrupting rating
200 kA rms symmetrical (with Class CC fuses)
Approvals
LEB/LEX series UL Recognized
Miscellaneous
Fuse holder per UL UL 4248 (File: E14721)
CSA Certified per C22.2, No. 39 (File: LR7316)
LEC/LEY series UL Listed Class CC Branch
Circuit
Fuse holder per UL 512 (File: E14721)
CSA Certified per C22.2, No. 39 (File: LR7316)
Flammability Rating
UL 94 V-0
Features/Benefits

Design increases safety by facilitating individual device
disconnection for easy servicing, eliminating shock risk

Increases efficiency by preventing faulted ballast from
severely damaging fixture or device

Designed to meet IP67 touch-safe standards

Watertight o-ring seal

Variety of terminations available for flexible design

Insulating boots available for harsh environments
Recommended Fuses
LEB/LEX series:
Class CC Series: CCMR, KLDR, KLKR
Midget Series: BLF, BLN, FLM, FLQ, KLK, KLKD
LEC/LEY series:
Class CC Series: CCMR, KLDR, KLKR
Web Resources
Download CAD drawings, dimensions and other technical
information: Littelfuse.com/in-line
Look for these part numbers featuring our
improved design
• Better surface area for ergonomic comfort, improved grip
and better torque
• More pronounced seating – automatically seats as user
begins twisting
• Chamfered edges for additional installation comfort
BASE PART
NUMBER
PREVIOUS ORDERING
NUMBER
NEW ORDERING
NUMBER
LEB-AA
0LEB00AAX
0LEB00AAXK
LEB-AA-S
0LEB0AASX
0LEB0AASXK
LEB-AB
0LEB00ABX
0LEB00ABXK
LEB-AYC-S
0LEBAYCSX
0LEBAYCSXK
LEB-BB
0LEB00BBX
0LEB00BBXK
LEB-JJ
0LEB00JJX
0LEB00JJXK
LEB-JJ-S
0LEB0JJSX
0LEB0JJSXK


Similar Part No. - LEB-BA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB-BB LITTELFUSE-LEB-BB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
More results

Similar Description - LEB-BA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB LITTELFUSE-LEB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LET LITTELFUSE-LET Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEY LITTELFUSE-LEY Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB1 LITTELFUSE-WPB1 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB3 LITTELFUSE-WPB3 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
In-Line Fuse Holders
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com