Electronic Components Datasheet Search
  English  ▼

X  

MINIFHM Datasheet(PDF) 1 Page - Littelfuse

Part # MINIFHM
Description  MINI짰 FHM SERIES 32-58V IN-LINE WATERPROOF BLADE FUSE HOLDER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MINIFHM Datasheet(HTML) 1 Page - Littelfuse

  MINIFHM Datasheet HTML 1Page - Littelfuse MINIFHM Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Littelfuse.com
© 2021 Littelfuse, Inc.
080421-A
MINI® FHM SERIES
32-58V IN-LINE WATERPROOF BLADE FUSE HOLDER
Features and Benefits
• Compatible with 32V MINI® and 58V MINI® blade fuses
(sold separately unless indicated)
• Built-in cover seals in the fuse to offer IP67-rated
dustproof and waterproof protection
• Compact design is easy to mount in line with the circuit
virtually anywhere
• Available in a wide variety of configurations, including
with standard black bodies and covers or clear bodies
and covers that allow you to see MINI® Smart Glow
fuses
• Custom and semi-custom MINI® FHM Series fuse
holder versions are available through your Littelfuse
sales representative (minimum order quantities apply)
Applications
• Automotive or Marine Remote Circuit Protection
• Accessory or Overflow Circuits
• Small Electric Motors
Description
When you need additional or remote circuit protection,
the MINI® FHM Series 32-58V In-Line Waterproof Blade
Fuse Holder makes it easy by mounting virtually anywhere
along the circuit. Plus, its integrated cover helps create an
IP67-rated dustproof and waterproof enclosure that makes
the fuse holder ideal for both automotive and marine
applications.
The MINI® FHM Series blade fuse holder is available in a
wide variety of configurations with various lead wire sizes,
insulation colors, wire types, and special features, such as
clear bodies that accommodate MINI® Smart Glow fuses.
It can also be purchased with or without retail packaging.
In addition, Littelfuse actively produces custom and
semi-custom versions of the MINI® FHM Series fuse
holder (minimum order requirements apply). Contact your
Littelfuse sales representative for details.
Web Resources
Download 2D print, installation guide and technical
resources at: littelfuse.com/FHM
Specifications
Current Rating Max: 
30 Amps and 20 Amps
Fuse Type: 
ATO
Ignition Protection: 
V-2 / V-0
Ignition-Proof: 
UL94
Ingress Rating: 
IP67
Input Terminals: 
ATO FUSE BLADES
Mounting Method: 
In-Line Fuse Holder
Max Voltage Rating: 
32 -58V DC
Wire Description:
125°C rated, GXL Red wires, Tinned
stranded copper
125°C rated, PE-X FLR2X-B Yellow wires
0FHM0001XP
0FHM0001XPGLO
0FHM0001ZXJ-RED


Similar Part No. - MINIFHM

ManufacturerPart #DatasheetDescription
logo
NiceRF Wireless Technol...
MINIF27 G-NICE-MINIF27 Datasheet
767Kb / 7P
MiniF27 Wireless transceiver module
2025-7
More results

Similar Description - MINIFHM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0997002 LITTELFUSE-0997002 Datasheet
195Kb / 2P
MINI짰 Blade Fuse Fuse Rated 58V
TOE LITTELFUSE-TOE Datasheet
194Kb / 2P
Blade Fuse Rated 58V
029707.5U LITTELFUSE-029707.5U Datasheet
281Kb / 2P
MINI짰 BLADE FUSE RATED 32V
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
178-4265-0002 LITTELFUSE-178-4265-0002 Datasheet
1Mb / 3P
FLR PCB FUSE HOLDER FOR ATO짰 STYLE BLADE FUSE RATED 58V
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
ATOFHA LITTELFUSE-ATOFHA Datasheet
150Kb / 1P
ATO짰 FHA SERIES 32V IN-LINE BLADE FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
MINI153-PC LITTELFUSE-MINI153-PC Datasheet
199Kb / 1P
MINI짰 153-PC SERIES FUSE HOLDER
2021
SEALEDMINI LITTELFUSE-SEALEDMINI Datasheet
185Kb / 1P
SEALED MINI짰 SERIES 32V WATERPROOF IN-LINE BLADE FUSE HOLDER
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com