Electronic Components Datasheet Search
  English  ▼

X  

MPC9993D Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC9993D
Description  INTELLIGENT DYNAMIC CLOCK SWITCH (IDCS)PLL CLOCK DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC9993D Datasheet(HTML) 1 Page - Motorola, Inc

  MPC9993D Datasheet HTML 1Page - Motorola, Inc MPC9993D Datasheet HTML 2Page - Motorola, Inc MPC9993D Datasheet HTML 3Page - Motorola, Inc MPC9993D Datasheet HTML 4Page - Motorola, Inc MPC9993D Datasheet HTML 5Page - Motorola, Inc MPC9993D Datasheet HTML 6Page - Motorola, Inc MPC9993D Datasheet HTML 7Page - Motorola, Inc MPC9993D Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order Number: MPC9993/D
Rev 1, 04/2003
1
© Motorola, Inc. 2003
Intelligent Dynamic Clock
Switch (IDCS) PLL Clock
Driver
The MPC9993 is a PLL clock driver designed specifically for redundant
clock tree designs. The device receives two differential LVPECL clock
signals from which it generates 5 new differential LVPECL clock outputs.
Two of the output pairs regenerate the input signals frequency and phase
while the other three pairs generate 2x, phase aligned clock outputs.
Features:
• Fully Integrated PLL
• Intelligent Dynamic Clock Switch
• LVPECL Clock Outputs
• LVCMOS Control I/O
• 3.3V Operation
• 32–Lead LQFP Packaging
Functional Description
The MPC9993 Intelligent Dynamic Clock Switch (IDCS) circuit continuously monitors both input CLK signals. Upon detection
of a failure (CLK stuck HIGH or LOW for at least 1 period), the INP_BAD for that CLK will be latched (H). If that CLK is the primary
clock, the IDCS will switch to the good secondary clock and phase/frequency alignment will occur with minimal output phase
disturbance. The typical phase bump caused by a failed clock is eliminated. (See Application Information section).
Figure 1. Block Diagram
CLK0
CLK0
CLK1
CLK1
Ext_FB
Ext_FB
Sel_Clk
Dynamic Switch
Logic
PLL
PLL_En
÷8
÷16
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qa0
Qa0
Qa1
Qa1
MR
Man_Override
Clk_Selected
Inp1bad
Inp0bad
Alarm_Reset
OR
800 – 1600 MHz
MPC9993
FA SUFFIX
32–LEAD LQFP PACKAGE
CASE 873A


Similar Part No. - MPC9993D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results

Similar Description - MPC9993D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC99J93 MOTOROLA-MPC99J93 Datasheet
265Kb / 8P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
MPC9893 MOTOROLA-MPC9893 Datasheet
475Kb / 16P
Low Voltage PLL Intelligent Dynamic Clock (IDCS) Switch
logo
Exar Corporation
XRK799J93 EXAR-XRK799J93 Datasheet
205Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7955 EXAR-XRK7955 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK79892 EXAR-XRK79892 Datasheet
277Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
logo
Integrated Device Techn...
MPC9993 IDT-MPC9993 Datasheet
335Kb / 11P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
logo
Renesas Technology Corp
MPC99J93 RENESAS-MPC99J93 Datasheet
560Kb / 10P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
MPC9993 RENESAS-MPC9993 Datasheet
618Kb / 12P
Intelligent Dynamic Clock Switch (IDCS) PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com