Electronic Components Datasheet Search
  English  ▼

X  

SPFR Datasheet(PDF) 1 Page - Littelfuse

Part # SPFR
Description  SPFR Series and SPFRHV Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPFR Datasheet(HTML) 1 Page - Littelfuse

  SPFR Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWR-GARD® Blocks and Holders Datasheet
Littelfuse.com
© 2013 Littelfuse POWR-GARD® Products
Rev: 071013
1 of 1
SPFR SeRieS and SPFRHV SeRieS
SPFR 1000 VDC Solar Fuse
1 of 1




®






















































































































®






















































































































®


















































































































Specifications
Voltage Rating:
1000 VDC
Ampere Rating:
250, 300, 350, 400
Interrupting Rating:
10,000 A; Time Constant less than 1 ms
Fuse Type:
Fast-acting
Approvals:
UL 248 Recognized (File: 71611)
CSA Certified (File: 29862)
Ordering Information
Dimensions mm (inches)
298.806 ± 0.78
(11.764 ± 0.032)
189.941 ± 0.77
(7.478 ± 0.032)
aMPeRaGe
PaRT nuMbeR
ORdeRinG nuMbeR
250
SPFR 250
SPFR250.X
300
SPFR 300
SPFR300.X
350
SPFR 350
SPFR350.X
400
SPFR 400
SPFR400.X
Web Resources
Downloadable CAD drawings and other technical information:
Littelfuse.com/spfr
Dimensions mm (inches)
Description
The Littelfuse SPFRHV fuse block is designed to hold
Littelfuse high amperage (250-400 A) SPFR fuses.
Specifications
Voltage Rating:
1000 VDC
Amperage Rating:
250 - 400 A
Approvals:
UL 4248 Recognized (File: E14721)
CSA (File: 29862)
Environmental:
RoHS Compliant
Ordering Information
Web Resources
Downloadable CAD drawings and other technical information:
Littelfuse.com/spfrhv
Description
The SPFR series was designed to meet the growing needs
of the solar industry with higher amperage and voltage re-
quirements. It was developed specifically for solar applica-
tions, ranging from 250 A to 400 A.
Applications
• Solar Inverters
• High-amperage combiner boxes
Features/Benefits
• DC Voltage rating meets European system requirements
and North American utility scale requirements
• Multiple amperage ratings
• UL Class H Dimensions
• Full Range Protection
SPFRHV 1000 VDC Fuse Block
ORdeRinG nuMbeR
aMPeRaGe
SPFRHV4001ST
250 – 400


Similar Part No. - SPFR

ManufacturerPart #DatasheetDescription
logo
Positronic.
SPFRA04M POSITRONIC-SPFRA04M Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
SPFRA04MS POSITRONIC-SPFRA04MS Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
SPFRA04S POSITRONIC-SPFRA04S Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
SPFRA04SS POSITRONIC-SPFRA04SS Datasheet
952Kb / 16P
SCORPION MODULAR POWER, SIGNAL CONNECTORS
Rev A 19/10
More results

Similar Description - SPFR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
UCY74 and UCA64 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Intel Corporation
322821-002 INTEL-322821-002 Datasheet
2Mb / 172P
Intel짰 Itanium짰 Processor 9300 Series and 9500 Series
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
BTW67 and BTW69 Series
13-Feb-2006
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
List of Unclassifed Man...
647H ETC2-647H Datasheet
324Kb / 8P
600H and 600NH series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
XC1700E and XC1700L Series
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com