Electronic Components Datasheet Search
  English  ▼

X  

B5817WS Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # B5817WS
Description  Plastic-Encapsulate Schottky Barrier Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

B5817WS Datasheet(HTML) 1 Page - Rectron Semiconductor

  B5817WS Datasheet HTML 1Page - Rectron Semiconductor B5817WS Datasheet HTML 2Page - Rectron Semiconductor B5817WS Datasheet HTML 3Page - Rectron Semiconductor B5817WS Datasheet HTML 4Page - Rectron Semiconductor B5817WS Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Plastic-Encapsulate Schottky Barrier Diode
Features
High Current Capability
Low Forward Voltage Drop
Mechanical Data
SOD-323
Marking: B5817WS:
SJ
B5818WS:
SK
B5819WS:
SL
SOD-323 Small Outline Plastic Package
Polarity: Color band denotes cathode end
Mounting Position: Any
Maximum Ratings & Thermal Characteristics (Ratings at 25
ambient temperature unless otherwise specified.)
Parameters
Symbol
B5817WS
B5818WS
B5819WS
Unit
Maximum repetitive peak reverse voltage
VRRM
20
30
40
V
Maximum RMS voltage
VRMS
14
21
28
V
Maximum DC blocking voltage
VDC
20
30
40
V
Maximum average forward rectified current
IFM
1.0
A
Peak forward surge current 8.3 ms single half
sine-wave
IFSM
9
A
Typical thermal resistance
RθJA
400
/W
Power Dissipation
PD
250
Operating junction temperature
Tj
125
Storage temperature range
TSTG
-50-+150
Electrical Characteristics
(Ratings at 25
ambient temperature unless otherwise specified).
Parameters
Symbol
Test conditions
B5817WS
B5818WS
B5819WS
Unit
Maximum forward voltage
VF
IF = 1.0A
IF = 3.0A
0.450
0.750
0.550
0.875
0.600
0.900
V
Maximum reverse breakdown voltage
VR
IR=1mA
20
30
40
V
Maximum reverse current
IR
VR=20V
B5817WS
VR=30V
B5818WS
VR=40V
B5819WS
1.0
mA
Type junction capacitance
Cj
VR = 4.0V, f = 1MHz
120
pF
B5817WS
B5818WS
B5819WS
2021-09/11
REV:A
I
2T
A
2S
0.337
Typical Current Squared Time
P/N suffix V means AEC-Q101 qualified, eg.B5817WSV
P/N suffix V means Halogen-free
Solid dot = Green molding compound device
V
V
V


Similar Part No. - B5817WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5817WS JIANGSU-B5817WS Datasheet
28Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5817WS BILIN-B5817WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Shenzhen Ping Sheng Ele...
B5817WS PFS-B5817WS Datasheet
1Mb / 2P
SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
More results

Similar Description - B5817WS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS401F SECOS-SCS401F Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
SCS401F SECOS-SCS401F_15 Datasheet
139Kb / 2P
Plastic-Encapsulate Schottky Diode
logo
GOOD-ARK Electronics
BAS40LP GOOD-ARK-BAS40LP_15 Datasheet
373Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
BAT54LP GOOD-ARK-BAT54LP_15 Datasheet
378Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Jinan Jingheng (Group) ...
B0520W JINANJINGHENG-B0520W Datasheet
259Kb / 2P
SOD-123 Plastic-Encapsulate Schottky Barrier Diode
B0520WS JINANJINGHENG-B0520WS Datasheet
385Kb / 2P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
BAT54WS JINANJINGHENG-BAT54WS Datasheet
261Kb / 2P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
logo
GOOD-ARK Electronics
BAS40LP GOOD-ARK-BAS40LP Datasheet
373Kb / 4P
DFN 1.0X0.6-2L Plastic-Encapsulate Schottky Barrier Diode
logo
Rectron Semiconductor
B581XWS RECTRON-B581XWS Datasheet
270Kb / 5P
Plastic-Encapsulate Schottky Barrier Diode
B16WS RECTRON-B16WS Datasheet
314Kb / 4P
SOD-323 Plastic-Encapsulate Schottky Barrier Diode
20 REV:O 22-01/97
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com