Electronic Components Datasheet Search
  English  ▼

X  

WCL005 Datasheet(PDF) 4 Page - Littelfuse

Part # WCL005
Description  WIRE CONNECTOR LUG ASSEMBLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

WCL005 Datasheet(HTML) 4 Page - Littelfuse

  WCL005 Datasheet HTML 1Page - Littelfuse WCL005 Datasheet HTML 2Page - Littelfuse WCL005 Datasheet HTML 3Page - Littelfuse WCL005 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Littelfuse.com/wcl
© 2019 Littelfuse, Inc.
Rev: 1-A-110619
4 of 4
Miscellaneous Accessories
WIRE CONNECTOR LUG ASSEMBLY
WCL007
WCL008
WCL009
WCL0010
WCL0011
WCL0012
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-WCL007
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
8/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
WCL007 OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
9/19/18
519868GCP - RELEASE PER EM3052 MRY
SPECIFICATIONS:
VOLTAGE RATING: 600V
AMPERE RATING: 380 AMP CU; 310 AMP AL
SUGGESTED TORQUE (LINE): 42.4 N-m (375 IN-LBS)
SUGGESTED TORQUE (LOAD): 13.6 N-m (120 IN-LBS) 2/0-6 AWG
4.5 N-m (40 IN-LBS) 8-14 AWG
WIRE RANGE (LINE): 500MCM-4 AWG Cu/Al
SOLID/STRANDED
WIRE RANGE (LOAD): 2/0-14 AWG Cu/Al
SOLID/STRANDED
FASTENER: M6 (1/4)
APPROVALS: cULus (FILE NO. E502265)
44.45
[1.750]
44.45
[1.750]
38.10
[1.500]
19.05
[0.750]
76.20
[3.000]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-WCL008
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
8/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
WCL008 OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
9/19/18
519868GCP - RELEASE PER EM3052 MRY
SPECIFICATIONS:
VOLTAGE RATING: 600V
AMPERE RATING: 380 AMP CU; 310 AMP AL
SUGGESTED TORQUE (LINE): 42.4 N-m (375 IN-LBS)
SUGGESTED TORQUE (LOAD): 5.6 N-m (50 IN-LBS) 2-6 AWG
4.5 N-m (40 IN-LBS) 8-14 AWG
WIRE RANGE (LINE): 500MCM-4 AWG Cu/Al
SOLID/STRANDED
WIRE RANGE (LOAD): 2-14 AWG Cu/Al
SOLID/STRANDED
FASTENER: M6 (1/4)
APPROVALS: cULus (FILE NO. E502265)
57.15
[2.250]
57.15
[2.250]
38.10
[1.500]
19.05
[0.750]
76.20
[3.000]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-WCL009
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
8/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
WCL009 OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
9/19/18
519868GCP - RELEASE PER EM3052 MRY
SPECIFICATIONS:
VOLTAGE RATING: 600V
AMPERE RATING: 760 AMP CU; 620 AMP AL
SUGGESTED TORQUE (LINE): 42.4 N-m (375 IN-LBS)
SUGGESTED TORQUE (LOAD): 4 N-m (35 IN-LBS) 4-14 AWG
WIRE RANGE (LINE): 500MCM-4 AWG Cu/Al
SOLID/STRANDED
WIRE RANGE (LOAD): 4-14 AWG Cu/Al
SOLID/STRANDED
FASTENER: M6 (1/4)
APPROVALS: cULus (FILE NO. E502265)
57.15
[2.250]
57.15
[2.250]
38.10
[1.500]
19.05
[0.750]
76.20
[3.000]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-WCL010
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
8/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
WCL010 OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
9/19/18
519868GCP - RELEASE PER EM3052 MRY
SPECIFICATIONS:
VOLTAGE RATING: 600V
AMPERE RATING: 760 AMP CU; 620 AMP AL
SUGGESTED TORQUE (LINE): 42.4 N-m (375 IN-LBS)
SUGGESTED TORQUE (LOAD): 13.6 N-m (120 IN-LBS) 2/0-6 AWG
4.5 N-m (40 IN-LBS) 8-14 AWG
WIRE RANGE (LINE): 500MCM-4 AWG Cu/Al
SOLID/STRANDED
WIRE RANGE (LOAD): 2/0-14 AWG Cu/Al
SOLID/STRANDED
FASTENER: M6 (1/4)
APPROVALS: cULus (FILE NO. E502265)
57.15
[2.250]
57.15
[2.250]
38.10
[1.500]
19.05
[0.750]
76.20
[3.000]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-WCL011
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
8/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
WCL011 OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
9/19/18
519868GCP - RELEASE PER EM3052 MRY
SPECIFICATIONS:
VOLTAGE RATING: 600V
AMPERE RATING: 175 AMP CU; 135 AMP AL
SUGGESTED TORQUE (LINE): 13.6 N-m (120 IN-LBS) 2/0-6 AWG
4.5 N-m (40 IN-LBS) 8-14 AWG
SUGGESTED TORQUE (LOAD): 4 N-m (35 IN-LBS) 4-14 AWG
WIRE RANGE (LINE): 2/0-14 AWG Cu/Al
SOLID/STRANDED
WIRE RANGE (LOAD): 4-14 AWG Cu/Al
SOLID/STRANDED
FASTENER: M5 (#10)
APPROVALS: cULus (FILE NO. E502265)
16.00
[0.630]
44.58
[1.755]
19.18
[0.755]
13.08
[0.515]
16.00
[0.630]
CHICAGO, ILLINOIS 60631
3RD ANGLE
PROJECTION
A
OL-WCL012
Littelfuse® REVISION DRWGNO.
TITLE
B
DRW
DATE
GRAMS/PIECE
FINISH GOOD WT
myork
8/17/2018
MATL SPEC
FINISH
UNLESS OTHERWISE SPECIFIED, DIMENSIONS ARE IN MILLIMETERS, DIMENSIONS IN
BRACKETS [ ] ARE INCHES DIMENSIONING AND DO NOT INCLUDE PLATING. TOLERANCING
TO BE INTERPRETED IN ACCORDANCE WITH ANSI Y14.5M-1994
DENOTES CRITICAL CHARACTERISTICS.
DENOTES CPK DIMENSIONS, -MINIMUM CPK VALUE
DENOTES A CHARACTERISTIC THAT PROVIDES AN INDICATION
OF PROCESS PERFORMANCE. PROCEDURE FOR MEASUREMENT
AND TRACKING TO BE DEFINED IN
LITTELFUSE INSPECTION INSTRUCTIONS.
DENOTES CP DIMENSIONS, -MINIMUM CP VALUE
MUST BE WITHIN THE DIMENSIONAL LIMITATIONS
SHOWN ON DRAWING AND INITIALLY LOCATED TO
ALLOW FOR MAXIMUM TOOL LIFE.
CPK
CP
SHEET 1 OF 1
SCALE
WCL012 OUTLINE
NTS
REVISION
REV
DATE
DESCRIPTION
A
9/19/18
519868GCP - RELEASE PER EM3052 MRY
SPECIFICATIONS:
VOLTAGE RATING: 600V
AMPERE RATING: 175 AMP CU; 135 AMP AL
SUGGESTED TORQUE (LINE): 13.6 N-m (120 IN-LBS) 2/0-6 AWG
4.5 N-m (40 IN-LBS) 8-14 AWG
SUGGESTED TORQUE (LOAD): 4 N-m (35 IN-LBS) 4-14 AWG
WIRE RANGE (LINE): 2/0-14 AWG Cu/Al
SOLID/STRANDED
WIRE RANGE (LOAD): 4-14 AWG Cu/Al
SOLID/STRANDED
FASTENER: M5 (#10)
APPROVALS: cULus (FILE NO. E502265)
24.51
[0.965]
44.58
[1.755]
19.18
[0.755]
13.08
[0.515]
24.51
[0.965]
03DP-880-019
500KCMIL-4 CU7AL
Dimensions mm (in)
2/0-14 CU7AL
03DP-880-020
500KCMIL-4 CU7AL
2-14 CU7AL
03DP-880-021
500KCMIL-4 CU7AL
4-14 CU7AL
03DP-880-022
500KCMIL-4 CU7AL
2/0-14 CU7AL
OLD25703Z
2/0-14 CU7AL
4-14 CU7AL
OLD04013Z
2/0-14 CU7AL
4-14 CU7AL
Disclaimer Notice – Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and test each product selected for their own applications. Littelfuse
products are not designed for, and may not be used in, all applications. Read complete Disclaimer Notice at www.littelfuse.com/product-disclaimer.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com