Electronic Components Datasheet Search
  English  ▼

X  

MSK165 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK165
Description  ULTRA HIGH VOLTAGE DUAL OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK165 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK165 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK165 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK165 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK165 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK165 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
INPUT
Offset Voltage
Offset Voltage Drift
Offset Voltage vs ±Vcc
Input Bias Current
Input Impedance
Input Capacitance
Common Mode Rejection
Noise
OUTPUT
Output Voltage Swing
Output Current
Power Bandwidth
Resistance
Settling Time to 0.1%
Capacitive Load
TRANSFER CHARACTERISTICS
Slew Rate
Open Loop Voltage Gain
350V
60mA
120mA
±16V
±Vcc
150°C
Storage Temperature
Lead Temperature
Case Operating Temperature
(MSK165B)
(MSK165)
Thermal Resistance (DC Each Amplifier)
Junction to Case
Total Supply Voltage
Output Current (within S.O.A.)
Output Current Peak
Input Voltage (Differential)
Input Voltage (Common Mode)
Junction Temperature
1
2
3
4
5
6
7
8
9
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
RTH
VCC
±IOUT
±IOUTP
VIND
VIN
TJ
Unless otherwise noted, ±VCC= ±150VDC and specifications apply to each amplifier.
Derate maximum supply voltage 0.5V/°C below TC=+25°C. No derating is needed above TC=25°C.
AV=-10V/V measured in false summing junction circuit.
Devices shall be capable of meeting the parameter, but need not be tested. Typical parameters are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise requested.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup
1,4
TC=+25°C
Subgroup
2,5
TC=+125°C
Subgroup 3,6
TA=-55°C
Electrical specifications are derated for power supply voltages less than ±50VDC.
Group A
Subgroup
-
1
2
3
1
2,3
1
1,3
2
-
-
-
-
4
4
-
-
-
-
4
4
Typ.
±150
±1.4
±2.0
±1.0
±15
±40
±20
±5
-
10
5
94
50
±141
±120
26
150
12
-
40
106
Min.
±50
-
-
-
-
-
-
-
-
-
-
84
-
±138
±60
-
-
-
10
20
94
Min.
±50
-
-
-
-
-
-
-
-
-
-
84
-
±138
±60
-
-
-
10
10
94
Max.
±175
±2.0
-
-
±30
-
±32
±100
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
±150
±1.4
-
-
±15
±40
±20
±5
-
10
5
94
50
±141
±120
26
150
12
-
20
106
Units
V
mA
mA
mA
mV
µV/°C
µV/V
pA
nA
Ω
pF
dB
µVRMS
V
mA
KHz
Ω
µS
nF
V/µS
dB
MSK165B
MSK165
2
Parameter
Max.
±175
±2.0
±3.0
±2.1
±30
±65
±32
±50
±50
-
-
-
-
-
-
-
-
-
-
-
-
4
Test Conditions
ELECTRICAL SPECIFICATIONS
4
4
1
4
4
3 4
NOTES:
4
2
9
4
4
11
11
4
4
4
-65°C to +150°C
300°C
-55°C to +125°C
-40°C to +85°C
12°C/W
1Hz≤f≤10Hz
No Load RCL=0Ω
F=15Hz RL=5KΩ
Quiescent Current
VIN=0V
VIN=0V
VIN=0V
VIN=0V
VCM=0V
(DC)
VCM=±90VDC
IOUT=±40mA Peak
VOUT=MAX
VOUT=280VPP
10V Step
AV=+1V/V
Rev. A 8/00
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com