Electronic Components Datasheet Search
  English  ▼

X  

FM2000B Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # FM2000B
Description  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER VOLTAGE 2000 Volts CURRENT 1.0 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM2000B Datasheet(HTML) 2 Page - Rectron Semiconductor

  FM2000B Datasheet HTML 1Page - Rectron Semiconductor FM2000B Datasheet HTML 2Page - Rectron Semiconductor FM2000B Datasheet HTML 3Page - Rectron Semiconductor FM2000B Datasheet HTML 4Page - Rectron Semiconductor FM2000B Datasheet HTML 5Page - Rectron Semiconductor FM2000B Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
Terminals Temperature (
OC)
0
0.01
1.0
0.1
10
1000
10000
0
0.5
1.0
1.5
2.0
20
40
60
80
100
120
140
175
125
150
50
25
75
100
0
0
0.5
1.0
2.5
3.5
4.0
4.5
2.0
0.1
1.0
10
20
1.5
3.0
5.0
FIG.3 MAXIMUM INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2 MAXIMUM REVERSE
CHARACTERISTICS
REVERSE VOLTAGE, (V)
0.1
1
8
6
4
2
10
20
40
40
0.4
1.0
4
10
80
FIG.4 TYPICAL JUNCTION CAPACITANCE
NUMBER OF CYCLES AT 60Hz
1
10
0
15
25
30
20
2
4
6
8 10
20
40
80 100
FIG.5 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
Single Phase Half Wave 60Hz
Resistive or Inductive Load
0.375" (9.5mm) Lead Length
TJ = 25
OC
Pulse width=300
μS
1% Duty Cycle
TJ = 25
OC
8.3mS Single Half Sine-Wave
JEDEC Method
TA = 25
OC
TA = 150
OC
RATING AND CHARACTERISTICS CURVES (FM2000B)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com