Electronic Components Datasheet Search
  English  ▼

X  

FM180 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # FM180
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

FM180 Datasheet(HTML) 1 Page - Rectron Semiconductor

  FM180 Datasheet HTML 1Page - Rectron Semiconductor FM180 Datasheet HTML 2Page - Rectron Semiconductor FM180 Datasheet HTML 3Page - Rectron Semiconductor FM180 Datasheet HTML 4Page - Rectron Semiconductor FM180 Datasheet HTML 5Page - Rectron Semiconductor FM180 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Resistive or inductive load.
FM1200
THRU
FM120
DO-214AC
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at Derating Case Temperature
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
40
85
80
Amps
0 C/W
0 C/W
0 C
Storage Temperature Range
R
T JA
Typical Thermal Resistance (Note 1)
25
R
T JL
IO
pF
Operating Temperature Range
TJ
FM120
20
-55 to + 150
0 C
FM130
FM140
FM150
FM160
FM180
30
40
50
60
14
21
28
35
42
20
30
40
50
60
FM1100
FM1150
FM1200
FM120
FM130
FM140
FM150
FM160
FM180
FM1100
FM1150
FM1200
80
100
150
200
80
100
150
200
56
70
105
140
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
uA
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
8.0
@TA = 25
oC
@TA = 150
oC
.55
mA
UNITS
.70
.85
0.091 ( 2.31 )
0.067 ( 1.70 )
0.012 ( 0.305 )
0.006 ( 0.152 )
0.008 ( 0.203 )
0.004 ( 0.102 )
0.059 ( 1.50 )
0.035 ( 0.89 )
0.209 ( 5.31 )
0.185 ( 4.70 )
0.180 ( 4.57 )
0.160 ( 4.06 )
0.110 ( 2.79 )
0.086 ( 2.18 )
0.067 (1.70 )
0.051 (1.29 )
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.057 gram
NOTES : 1. Thermal Resistance : Mounted on PCB.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
3. Also available in DO-214AA (SMB).
4. “ ROHS compliant””.
Typical Current Square Time
I2T
A2S
6.6
2018-10
REV: F
40
2.0
1.0
* P/N suffix V means AEC-Q 101 qualified, e.g:FM120V
* P/N suffix V means Halogen-free
-55 to + 150


Similar Part No. - FM180

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM180 FORMOSA-FM180 Datasheet
68Kb / 2P
Silicon epitaxial planer type
FM180 FORMOSA-FM180 Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Microdiode Semiconducto...
FM180 CHENDA-FM180 Datasheet
910Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
Formosa MS
FM180-L FORMOSA-FM180-L Datasheet
173Kb / 7P
Chip Schottky Barrier Rectifier
FM180-LN FORMOSA-FM180-LN Datasheet
72Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results

Similar Description - FM180

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120M RECTRON-FM120M Datasheet
79Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817 Datasheet
22Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
SM5817 RECTRON-SM5817 Datasheet
191Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere)
FM5817 RECTRON-FM5817_06 Datasheet
355Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere
FM120L RECTRON-FM120L Datasheet
359Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
SS20L RECTRON-SS20L Datasheet
441Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_11 Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
FM120B RECTRON-FM120B_V01 Datasheet
286Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-09 REV: A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com