Electronic Components Datasheet Search
  English  ▼

X  

HFM2000W Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # HFM2000W
Description  HIGH VOLTAGE VOLTAGE RANGE 2000 V olts CURRENT 0.5 Ampere HIGH EFFICIENCY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

HFM2000W Datasheet(HTML) 2 Page - Rectron Semiconductor

  HFM2000W Datasheet HTML 1Page - Rectron Semiconductor HFM2000W Datasheet HTML 2Page - Rectron Semiconductor HFM2000W Datasheet HTML 3Page - Rectron Semiconductor HFM2000W Datasheet HTML 4Page - Rectron Semiconductor HFM2000W Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
03
69
12
15
0
2
4
6
10
Ta = 25 °C
12
8
18
Ta = 100 °C
0.05
0.1
0.5
1
Tj = 25°C
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
Tamb, ambient temperature (°C)
REVERSE RECVERY TIME CHARACTENRISTIC[Ta-Trr]
REVERSE CHARACTERISTIC [VR-IR]
Repetitive Peak Reverse Voltage (KV)
10
12
14
89
11
13
80
0
40
120
160
200
240
20
40
60
80
100
120
140
0
Ta= 25 °C
REVERSE CHARACTERISTIC [Vz-Iz]
1
10
100
11
12
13
14
15
Repetitive Peak Reverse Voltage (KV)
RATING AND CHARACTERISTICS CURVES (HFM2000W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com