Electronic Components Datasheet Search
  English  ▼

X  

MA357 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA357
Description  Silicon epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA357 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA357 Datasheet HTML 1Page - Panasonic Semiconductor MA357 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note 1. Rated input/output frequency : 470MHz
2. *1 : rD measurement device : YHP MODEL 4191A RF IMPEDANCE ANALYZER
3. *2 : Low Signal Level
Unit
nA
pF
pF
pF
pF
pF
—
%
Ω
Condition
VR= 30V
VR= 0V, f= 1MHz
VR= 2V, f= 1MHz
VR= 25V, f= 1MHz
VR= 10V, f= 1MHz
VR= 17V, f= 1MHz
CD (2V) (10V) (17V) (25V)
CD= 9pF, f= 470MHz
s Marking
Symbol
IR
CD(0V)*2
CD(2V)
CD(25V)
CD(10V)
CD(17V)
CD(2V)/CD(25V)
∆C
rD*1
s Electrical Characteristics (Ta= 25˚C)
MA357J
Silicon epitaxial planer type
For CATV tuner
s Features
q Large capacity variation ratio
q Small series resistance rD
s Absolute Maximum Ratings (Ta= 25˚C)
Unit : mm
1 : Anode
2 : Cathode
S-Mini Type Package (Flat 2-pin)
Marking Symbol : 7K
Unit
V
V
˚C
˚C
Rating
34
35
150
– 55 to +150
Symbol
VR
VRM *
Tj
Tstg
* RL=10kΩ
Variable Capacitance Diodes
MA111
Parameter
Reverse voltage (DC)
Peak reverse voltage
Junction temperature
Storage temperature
Parameter
Reverse current (DC)
Diode capacitance
Capacitance ratio
Diode capacitance deviation
Series resistance
min
58.0
29.00
2.53
6.40
3.50
11.0
typ
max
10
34.30
2.92
8.32
4.35
2.0
0.54
0.4
±0.15
INDICATES
CATHODE
1.7
±0.1
2.5
±0.2
0.4
±0.15
12


Similar Part No. - MA357

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA350.A.LBICG.003 TAOGLAS-MA350.A.LBICG.003 Datasheet
8Mb / 68P
Steedan 5-in-1 Magnetic Mount Antenna with GNSS, 2*LTE & 2*Wi-Fi
More results

Similar Description - MA357

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
MA360J PANASONIC-MA360J Datasheet
22Kb / 2P
Silicon epitaxial planer type
MA367 PANASONIC-MA367 Datasheet
23Kb / 2P
Silicon epitaxial planer type
logo
PACELEADER INDUSTRIAL
PSL12 PACELEADER-PSL12 Datasheet
260Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22 PACELEADER-PSL22 Datasheet
262Kb / 2P
SILICON EPITAXIAL PLANER TYPE
PSL22-MH PACELEADER-PSL22-MH Datasheet
272Kb / 2P
SILICON EPITAXIAL PLANER TYPE
logo
SHENZHEN YONGERJIA INDU...
DLS120 WINNERJOIN-DLS120 Datasheet
121Kb / 2P
Silicon epitaxial planer type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com