Electronic Components Datasheet Search
  English  ▼

X  

JLLS0010TXLS Datasheet(PDF) 8 Page - Littelfuse

Part # JLLS0010TXLS
Description  CLASS T ??JLLN / JLLS SERIES
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

JLLS0010TXLS Datasheet(HTML) 8 Page - Littelfuse

  JLLS0010TXLS Datasheet HTML 1Page - Littelfuse JLLS0010TXLS Datasheet HTML 2Page - Littelfuse JLLS0010TXLS Datasheet HTML 3Page - Littelfuse JLLS0010TXLS Datasheet HTML 4Page - Littelfuse JLLS0010TXLS Datasheet HTML 5Page - Littelfuse JLLS0010TXLS Datasheet HTML 6Page - Littelfuse JLLS0010TXLS Datasheet HTML 7Page - Littelfuse JLLS0010TXLS Datasheet HTML 8Page - Littelfuse JLLS0010TXLS Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Littelfuse.com/jlls, Littelfuse.com/jlln
© 2020 Littelfuse, Inc.
Rev: 061820
8 of 9
POWR-GARD® Fuse
CLASS T – JLLN / JLLS SERIES
SHORT CIRCUIT
CURRENT*
APPARENT RMS SYMMETRICAL CURRENT FOR VARIOUS FUSE RATINGS
30 A
60 A
100 A
200 A
400 A
600 A
800 A
1200 A
5,000
700
775
1,100
1,650
3,500
4,000
5,000
5,000
10,000
900
1,000
1,400
2,100
4,400
5,100
6,750
8,250
15,000
1,000
1,100
1,600
2,400
5,000
5,900
7,750
10,000
20,000
1,100
1,250
1,800
2,700
5,500
6,500
8,750
11,000
25,000
1,230
1,300
1,950
2,900
6,000
7,000
9,500
12,000
30,000
1,300
1,475
2,050
3,100
6,400
7,500
10,000
12,500
35,000
1,330
1,575
2,150
3,300
6,750
7,750
10,500
13,500
40,000
1,430
1,600
2,300
3,500
7,000
8,000
11,000
14,000
50,000
1,500
1,750
2,400
3,700
7,500
8,750
12,000
15,000
60,000
1,700
1,900
2,700
4,000
8,000
9,500
12,500
16,000
80,000
1,850
2,100
2,800
4,400
9,000
10,500
14,000
17,500
100,000
2,000
2,250
3,150
4,800
9,750
11,500
15,000
18,500
150,000
2,300
2,600
3,600
5,500
11,000
13,000
17,500
22,000
200,000
2,600
2,800
3,900
6,000
12,000
14,500
19,500
24,000
*Prospective RMS Symmetrical Amperes Short-Circuit Current
Note: Data Derived from Peak Let-Thru Curves
- DATA GENERATED IN EXCEL -
100
1,000
10,000
100,000
1,000,000
100
1,000
10,000
100,000
AVAILABLE FAULT CURRENT
SYMMETRICAL R.M.S. AMPERES
1200A -
800A -
600A -
400A -
200A -
100A -
60A -
30A -
BASIS FOR DATA:
TEST VOLTAGE: 300V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
PEAK LET-THRU CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
01/21/2014
A
2 OF 2
FCC05-JLLNP
JLLNP 30A - 1200A
Peak Let-Thru Curve and Current-Limiting Effects of JLLN (300 V) Fuses



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com