Electronic Components Datasheet Search
  English  ▼

X  

MIC24046 Datasheet(PDF) 30 Page - Microchip Technology

Part # MIC24046
Description  Pin-Programmable, 19V Input, 5A Step-Down Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24046 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MIC24046 Datasheet HTML 26Page - Microchip Technology MIC24046 Datasheet HTML 27Page - Microchip Technology MIC24046 Datasheet HTML 28Page - Microchip Technology MIC24046 Datasheet HTML 29Page - Microchip Technology MIC24046 Datasheet HTML 30Page - Microchip Technology MIC24046 Datasheet HTML 31Page - Microchip Technology MIC24046 Datasheet HTML 32Page - Microchip Technology MIC24046 Datasheet HTML 33Page - Microchip Technology MIC24046 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
MIC24046
DS20006677A-page 30
2022 Microchip Technology Inc.
20-Lead VQFN 3 mm x 3 mm Package Outline and Recommended Land Pattern
B
A
0.05 C
0.05 C
0.10
C A B
0.05
C
C
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
2
N
0.10 C
0.08 C
Sheet 1 of 2
2X
20X
Microchip Technology Drawing C04-1030 Rev A
SEATING
PLANE
(DATUM A)
(DATUM B)
NOTE 1
NOTE 1
D
E
A1
A3
A
0.09±0.02
0.16±0.05
(0.79)
0.22±0.05
1.35±0.05
(0.61)
20X b
L
0.46±0.05
(0.33)
0.77±0.05
0.64±0.05
e
0.33±0.05
0.24±0.05
(0.52)
1
2
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com