Electronic Components Datasheet Search
  English  ▼

X  

TIG014SS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TIG014SS
Description  TIG014SS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG014SS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TIG014SS Datasheet HTML 1Page - Sanyo Semicon Device TIG014SS Datasheet HTML 2Page - Sanyo Semicon Device TIG014SS Datasheet HTML 3Page - Sanyo Semicon Device TIG014SS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIG014SS
No.8288-3/4
ICP -- VGE
ゲート・エミッタ電圧, VGE -- V
IT07629
コレクタ電流(パルス), ICP -- A
24
5
6
7
8
3
1
0
0
IT09566
CM -- ICP
20
40
60
80
100
120
140
160
20
40
60
80
100
120
140
0
160
50
0
100
150
200
250
300
350
400
450
23
5
7
5
7
3
22
3
10
1.0
100
コレクタ電流, IC -- A
SW Time -- IC
IT07628
1.0
7
5
3
2
7
5
3
2
0.1
10
VCM=320V
Tc≦70°C
VGE=4.2V
RG≧42Ω
コレクタ・エミッタ電圧, VCE -- V
016
18
20
68
412
14
10
2
10
100
7
5
3
2
1000
7
5
3
2
10000
7
5
3
2
Cies, Coes, Cres -- VCE
IT07627
IT07626
ケース温度, Tc -- °C
050
75
100
125
150
25
--25
--50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
VGE(off) -- Tc
VCE=10V
IC=1mA
Cies
Coes
Cres
1.0
IT07624
0
VCE -- VGE
ゲート・エミッタ電圧, VGE -- V
1.0
2.0
3.0
4.0
5.0
5.5
6.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
6.0
IC=150A
Tc=75°C
130A
130A
100A
100A
IT07625
ケース温度, Tc -- °C
050
75
100
125
150
25
--25
--50
4
3
5
6
2
1
0
VCE(sat) -- Tc
IC=150A
VGE=4V
tr
td(off)
td(on)
RL=1.1Ω
TC= 25°C
VGE= 4.0V
RG=30Ω
tf
CM=400µF
Tc=25°C
Tc=70°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com