Electronic Components Datasheet Search
  English  ▼

X  

USB5742B Datasheet(PDF) 33 Page - Microchip Technology

Part # USB5742B
Description  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB5742B Datasheet HTML 29Page - Microchip Technology USB5742B Datasheet HTML 30Page - Microchip Technology USB5742B Datasheet HTML 31Page - Microchip Technology USB5742B Datasheet HTML 32Page - Microchip Technology USB5742B Datasheet HTML 33Page - Microchip Technology USB5742B Datasheet HTML 34Page - Microchip Technology USB5742B Datasheet HTML 35Page - Microchip Technology USB5742B Datasheet HTML 36Page - Microchip Technology USB5742B Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS00002016H-page 33
USB5742B
10.4
Power Consumption
This section details the power consumption of the device as measured during various modes of operation. Power dis-
sipation is determined by temperature, supply voltage, and external source/sink requirements.
TABLE 10-3:
DEVICE POWER CONSUMPTION
Typical (mA)
Typical Power
VDD33
VDD12
(mW)
Reset
0.8
1.8
4.8
No VBUS
2.0
4.0
11.4
Global Suspend
2.0
4.1
11.5
2 HS Ports
35
26
146
2 SS Ports
40
441
661
2 SS/HS Ports
64
445
745



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com