Electronic Components Datasheet Search
  English  ▼

X  

2002180100 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2002180100
Description  Hand Crimp Tool For Mini-Fit??TPA Male and Female Crimp Terminals
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2002180100 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2002180100 Datasheet HTML 1Page - Molex Electronics Ltd. 2002180100 Datasheet HTML 2Page - Molex Electronics Ltd. 2002180100 Datasheet HTML 3Page - Molex Electronics Ltd. 2002180100 Datasheet HTML 4Page - Molex Electronics Ltd. 2002180100 Datasheet HTML 5Page - Molex Electronics Ltd. 2002180100 Datasheet HTML 6Page - Molex Electronics Ltd. 2002180100 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Hand Crimp Tool For Mini-Fit™ TPA Male and Female Crimp Terminals
Doc No: ATS-2002180100 Release Date: 01-13-17
UNCONTROLLED COPY
Page 3 of 7
Revision: A
Revision Date: 01-13-17
Figure 5
TERMINAL
WIRE AGAINST THE
WIRE STOP
WIRE
WIRE STOP IS PART
OF THE LOCATOR
PRE-STRIPPED
WIRE
TERMINAL
Crimping Terminals
1. Select the desired terminal listed in the preceding charts.
2. Make sure the center of the locator is in the down position. With the
locator attached, push the locator button on the back of the hand tool to
bring the locator forward through the tooling. See Figure 2.
3. While holding the locator button in, load the terminal into the proper nest
opening in the locator based on the wire gauge or terminal type
markings on the hand tooling. See Figure 3.
4. Release the locator button, allowing the locator to return to the crimping
position.
5. Close the tool handle until the first ratchet position engages. See
Figure 4.
6. Insert the properly stripped wire through the terminal and against the
wire stop. See Figure 5.
7. Crimp the terminal by squeezing the tool handles until the ratchet
mechanism cycle has been completed. Release the handles to open the jaws.
Note: The tamper proof ratchet action will not release the tool until it has been fully closed.
8. Remove the crimped terminal from the terminal
locator by pulling on the wire.
9. Visually inspect the crimped terminal for proper
crimp location.
PARTIALLY
CLOSE HANDLE
TOOLING
PARTIALLY
CLOSED
Figure 4
FIRST RATCHET
POSITION
OPEN
POSITION
SQUEEZE
HERE
SQUEEZE
HERE
LOCATOR
Figure 7A
TOP HOOKS
TOP SLOTS OF
HANDTOOL
LOWER TABS
MAKE SURE
CENTER OF LOCATOR
IS IN THE
DOWN POSITION
Figure 7B
TERMINAL
Figure 6
WIRE
WIRE
STOP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com