Electronic Components Datasheet Search
  English  ▼

X  

VSC8022 Datasheet(PDF) 11 Page - Vitesse Semiconductor Corporation

Part # VSC8022
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8022 Datasheet(HTML) 11 Page - Vitesse Semiconductor Corporation

Back Button VSC8022 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8022 Datasheet HTML 15Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52028-0, Rev 4.1
Page 11
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8021/VSC8022
8-Bit MUX/DEMUX Chipset
2.5Gb/s SONET-Compatible
Table 7: VSC8021 Pin Identifications
Pin #
Signal Name
I/O
Level Type
Description
1
D7N
I
ECL
Parallel Data Bit 7, Complement
2
D8
I
ECL
Parallel Data Bit 8, True
3
D8N
I
ECL
Parallel Data Bit 8, Complement
4VCC
Pwr
0V
Ground
5
NC
No Connection
6
RCLKN
O
ECL
Independent CLK Divide-by-8 Clock, Complement
7VTT
Pwr
-2.0V
Power Supply for Internal Reference Generation and Low Power
Logic
8
RCLK
O
ECL
Independent CLK Divide-by-8 Clock, True
9
NC
No Connection
10
VCC
Pwr
0V
Ground
11
NC
No Connection
12
NC
No Connection
13
NC
No Connection
14
NC
No Connection
15
NC
No Connection
16
NC
No Connection
17
CLKI
I
HS
High-Speed Clock, True
18
VCC
Pwr
0V
Ground
19
CLKIN
I
HS
High-Speed Clock, Complement
20
CON
O
HS
High-Speed Clock, Complement
21
CO
O
HS
High-Speed Clock, True
22
DO
O
HS
High-Speed Serial Data Output, True
23
VEE(1)
Pwr
-5.2V
Power Supply for High-Speed Logic
24
DON
O
OHS
High-Speed Data, Complement
25
NC
No Connection
26
NC
No Connection
27
NC
No Connection
28
SYNC
I
ECL
Error Correction
29
ERR
O
ECL
Error Detection
30
VCC
Pwr
0V
Ground
31
CLK8N
O
ECL
Phase-Adjustable CLK Divide-by-8 Clock, Complement
32
CLK8
O
ECL
Phase-Adjustable CLK Divide-by-8 Clock, True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com