Electronic Components Datasheet Search
  English  ▼

X  

VSC8022FC Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC8022FC
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8022FC Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC8022FC Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8022FC Datasheet HTML 11Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52028-0, Rev 4.1
Page 7
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8021/VSC8022
8-Bit MUX/DEMUX Chipset
2.5Gb/s SONET-Compatible
Table 5: Power Dissipation
(Over recommended operating conditions, VCC = GND, outputs open circuit)
Absolute Maximum Ratings(1)
Power Supply Voltage (VTT)..........................................................................................................-3.0V to + 0.5V
Power Supply Voltage (VEE).................................................................................................. VTT + 0.7V to -6.0V
ECL Input Voltage Applied(2) (VECLIN) ........................................................................................-2.5V to + 0.5V
High-Speed Input Voltage Applied(2) (VHSIN)............................................................... VEE -0.7V to VCC + 0.7V
Output Current (DC, output HIGH) (IOUT).................................................................................................-50 mA
Case Temperature Under Bias (TC)...............................................................................................-55ºC to +125ºC
Storage Temperature(3) (TSTG)......................................................................................................-65ºC to +150ºC
Recommended Operating Conditions
ECL Power Supply Voltage(4) (VTT).................................................................................................. -2.0V ± 0.1V
Power Supply Voltage (VEE)............................................................................................................-5.2V ± 0.26V
Operating Temperature Range(3) (T) ............................. (Commercial) 0ºC to +70ºC, (Industrial) -40ºC to +85ºC
Notes: (1) Caution: Stresses listed under “Absolute Maximum Ratings” may be applied to devices one at a time without causing perma-
nent damage. Functionality at or exceeding the values listed is not implied. Exposure to these values for extended periods may
affect device reliability.
(2) VTT must be applied before any input signal voltage magnitude (VECLIN  and VHSIN) can be greater than VTT -0.5V.
(3) Lower limit of specification is ambient temperature and upper limit is case temperature.
(4) When using internal ECL 100K reference level.
ESD Ratings
Proper ESD procedures should be used when handling this product. The VSC8021/VSC8022 is rated to the fol-
lowing ESD voltages based on the human body model:
1.
All ECL pins are rated at or above 1000V.
2.
All high-speed clock and data pins at rated at or above 500V.
Parameter
Description
VSC8021
VSC8022
Units
Conditions
Min
Typ
Max
Min
Typ
Max
IEE
Power supply current from VEE
400
600
450
600
mA
ITT
Power supply current from VTT
110
200
120
200
mA
PD
Power dissipation
2.3
3.75
2.6
3.75
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com