Electronic Components Datasheet Search
  English  ▼

X  

100C0485 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100C0485
Description  SP4T Relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100C0485 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100C0485 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
100C0485
FEATURES
• DC - 500 MHz
• 70 dB Isolation
• Non-Reflective
• 50 Watt CW
• SMA Connectors
SP4T Relay
D AICO Industr ies
SP4T
150
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - 100C0485

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0285 DAICO-100C0285 Datasheet
27Kb / 1P
SP3T Relay
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
Transfer Switch
100C0347-BNC-6 DAICO-100C0347-BNC-6 Datasheet
118Kb / 1P
Transfer Switch
100C0347-BNC12 DAICO-100C0347-BNC12 Datasheet
118Kb / 1P
Transfer Switch
100C0347-BNC18 DAICO-100C0347-BNC18 Datasheet
118Kb / 1P
Transfer Switch
More results

Similar Description - 100C0485

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0613 DAICO-100C0613 Datasheet
31Kb / 1P
SP4T RELAY
logo
Pasternack Enterprises,...
PE7158 PASTERNACK-PE7158 Datasheet
299Kb / 1P
SMA SP4T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
PE71S6134 PASTERNACK-PE71S6134 Datasheet
458Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6135 PASTERNACK-PE71S6135 Datasheet
436Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6137 PASTERNACK-PE71S6137 Datasheet
466Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6138 PASTERNACK-PE71S6138 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with Latching
REV 1.0
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 40 GHz
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com