Electronic Components Datasheet Search
  English  ▼

X  

8096670 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8096670
Description  Ball valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8096670 Datasheet(HTML) 2 Page - Festo Corporation.

  8096670 Datasheet HTML 1Page - Festo Corporation. 8096670 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Breakaway torque at differential pressure, nominal pressure, fitting PN
35 Nm
Based on norm
ASME B1.20.1
ISO 5211
Symbol
00991458
Medium
Vapor
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Water
Neutral liquids
Temperature of medium
-20 °C ... 200 °C
Flow rate Kv
111.8 m³/h
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
Cast stainless steel
Material number of housing
1.4408
Seat seal material
PTFE, modified
Seals material
FPM
PTFE
Ball material
Cast stainless steel
Material number for ball
1.4408
Shaft material
High-alloy stainless steel
Material number for shaft
1.4401
Product weight
3700 g
Certification
CRN
CE marking (see declaration of conformity)
as per EU pressure equipment directive
Explosion prevention and protection
Zone 1 (ATEX)
Zone 2 (ATEX)
Zone 21 (ATEX)
Zone 22 (ATEX)
Corrosion resistance class (CRC)
4 - Particularly high corrosion stress
7/1/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com