Electronic Components Datasheet Search
  English  ▼

X  

2002181900 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 2002181900
Description  Hand Crimp Tool 1.25mm (.049) Pitch PicoBlade Receptacle Crimp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

2002181900 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  2002181900 Datasheet HTML 1Page - Molex Electronics Ltd. 2002181900 Datasheet HTML 2Page - Molex Electronics Ltd. 2002181900 Datasheet HTML 3Page - Molex Electronics Ltd. 2002181900 Datasheet HTML 4Page - Molex Electronics Ltd. 2002181900 Datasheet HTML 5Page - Molex Electronics Ltd. 2002181900 Datasheet HTML 6Page - Molex Electronics Ltd. 2002181900 Datasheet HTML 7Page - Molex Electronics Ltd. 2002181900 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Hand Crimp Tool 1.25mm (.049”) Pitch PicoBlade Receptacle Crimp Terminals
Doc. No: 2002181900
Release Date: 04-30-19
UNCONTROLLED COPY
Page 3 of 8
Revision: A
Revision Date: 04-30-19
Bell Mouth Adjustment Notes
The 2002181900 hand crimp tool features an adjustable locator that allows the operator to
increase or decrease the bell mouth and brush length specifications.
Note: The tool was set up in manufacturing and used to produce the included crimp samples,
but it may be necessary to adjust the tool because of variations in terminal production.
Use a 1.5mm hex wrench to adjust to bell mouth size and brush length.
The adjustment screw is accessible through the hole
in the side of the terminal locator on the back of the
hand crimp tool. See Figure 1.
To increase bell mouth and brush length, turn the
screw clockwise.
To decrease bell mouth and brush length, turn the
screw counterclockwise.
When making an adjustment, turn the adjustment screw half a rotation or less, and then re-check
your bell mouth and brush length.
If you feel or hear a click during the rotation, you have reached the limits of the adjustment.
Once the bell mouth and brush length are properly adjusted, follow the tool operation instructions
listed below.
INCREASE
DECREASE
Figure 1
TERMINAL
LOCATOR
ADJUSTMENT
HOLE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com