Electronic Components Datasheet Search
  English  ▼

X  

0700007 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 0700007
Description  Thermal Circuit Breaker
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0700007 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  0700007 Datasheet HTML 1Page - PHOENIX CONTACT 0700007 Datasheet HTML 2Page - PHOENIX CONTACT 0700007 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TCP.../DC32V
102774_01_en
PHOENIX CONTACT
2
Ordering Data
Technical Data
Thermal Circuit Breaker
Description
Type
Order No.
Pcs./Pck.
1-pos. thermal circuit breaker, for fuse holder in accordance with
ISO 8820-3, can be plugged onto UK 6-FSI/C... and ST 4-FSI/C... base
terminal block
Nominal current 5 A, light brown
TCP 5/DC32V
0700005
50
Nominal current 7.5 A, brown
TCP 7,5/DC32V
0700007
50
Nominal current 10 A, red
TCP 10/DC32V
0700010
50
Nominal current 15 A, blue
TCP 15/DC32V
0700015
50
Nominal current 20 A, yellow
TCP 20/DC32V
0700020
50
Nominal current 25 A, white
TCP 25/DC32V
0700025
50
Nominal current 30 A, green
TCP 30/DC32V
0700030
50
Technical Data in Accordance With IEC/DIN VDE
Nominal voltage
32 V DC
Nominal current
5 A; 7.5 A; 10 A, 15 A, 20 A; 25 A; 30 A
Voltage drop at nominal current
< 150 mV
Ambient temperature (operation)
-30°C ... +60°C
Weight
5 g, approx.
Interrupting Capacity
Limit short circuit interruption capacity
≥ 3 interruptions of 150 A or ≥ 1 interruption of 2000 A
Service Life
Cycles with
≤ 50 A
300
Degree of protection (IEC 60529)
Operating field
Connection area
IP30
IP00



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com