Electronic Components Datasheet Search
  English  ▼

X  

MP3512 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MP3512
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1200 Volts CURRENT 35 Amperes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP3512 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MP3512 Datasheet HTML 1Page - Rectron Semiconductor MP3512 Datasheet HTML 2Page - Rectron Semiconductor MP3512 Datasheet HTML 3Page - Rectron Semiconductor MP3512 Datasheet HTML 4Page - Rectron Semiconductor MP3512 Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
* Superior thermal desing
* 400 amperes surge rating
* 1/4
//
universal faston terminal
* Hole thru for # 10 screw
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
NOTE: Suffix ”W” for wire type
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
2020-03
REV O
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
TJ,TSTG
VRMS
Volts
Volts
Amps
35.0
400
-55 to + 150
0 C
UNITS
Maximum Average Forward Rectified Output Current at Tc = 55
oC
1200
Amps
MP3512
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
500
ps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 17.5A DC
Volts
@TA = 25
oC
@TA = 125
oC
10
MECHANICAL DATA
Dimensions in inches and (millimeters)
.32 x .252 (0.81 x 6.35)
.583 (14.8)
.634 (16.1)
.425 (10.8)
.480 (12.2)
.673 (17.1)
1.102 (28)
1.142 (29)
.543 (13.8)
Max. .311 (7.9)
Min f.200 (5.08)
Hole for # 10 screw
I
2t
664
A
2Sec
Typical Current Squarad Time
uAm
Volts
1200
840
MP3512
MP3512
VOLTAGE RANGE 1 00 Volts CURRENT 35 Amperes
2


Similar Part No. - MP3512

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP351 RECTRON-MP351 Datasheet
29Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
logo
Micro Commercial Compon...
MP351 MCC-MP351 Datasheet
309Kb / 2P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP351 LRC-MP351 Datasheet
211Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP351 SHUNYE-MP351 Datasheet
198Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP351 MCC-MP351 Datasheet
334Kb / 3P
35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP3512

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP3505 RECTRON-MP3505 Datasheet
29Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes)
MB3505 RECTRON-MB3505_07 Datasheet
267Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
MP3505 RECTRON-MP3505_11 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes
MP3505W RECTRON-MP3505W Datasheet
146Kb / 5P
VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-06 REV:D
MP3516 RECTRON-MP3516 Datasheet
134Kb / 5P
VOLTAGE RANGE 1600 Volts CURRENT 35 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2018-06 REV O
RBU1005M-C-LV RECTRON-RBU1005M-C-LV Datasheet
92Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 10.0 Amperes
2019-01 REV: O
RBU2505M-C-LV RECTRON-RBU2505M-C-LV Datasheet
131Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 Volts CURRENT 25 Amperes
2018-11 REV:A
RBU3006M RECTRON-RBU3006M Datasheet
117Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 800 Volts CURRENT 30 Amperes
2018-11/49 REV: O
RS2508M RECTRON-RS2508M Datasheet
199Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 1200 Volts CURRENT 25 Amperes
2017-11 REV:O
RS3505MH RECTRON-RS3505MH Datasheet
626Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 600 to 1000 Volts CURRENT 35 Amperes
2022-02/30 REV:C
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com