Electronic Components Datasheet Search
  English  ▼

X  

MSB205S Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # MSB205S
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MSB205S Datasheet(HTML) 2 Page - Rectron Semiconductor

  MSB205S Datasheet HTML 1Page - Rectron Semiconductor MSB205S Datasheet HTML 2Page - Rectron Semiconductor MSB205S Datasheet HTML 3Page - Rectron Semiconductor MSB205S Datasheet HTML 4Page - Rectron Semiconductor MSB205S Datasheet HTML 5Page - Rectron Semiconductor MSB205S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
0
0.01
0.1
1
10
2.0
1.5
0.5
1.0
2.5
RATING AND CHARACTERISTICS CURVES ( MSB201S-T-A01 THRU MSB207S-T-A01 )
FFIIG
G..33 TTYYPPIICCAALL RREEVVEERRSSEE CCHHAARRAACCTTEERRIISSTTIICCSS
FFIIG
G..22 TTYYPPIICCAALL IINNSSTTAANNTTAANNEEO
OUUSS
FFO
ORRW
WAARRDD CCHHAARRAACCTTEERRIISSTTIICCSS
CASE TEMPERATURE, (OC)
20
0
1.0
2.0
80
40
60
100
120
140 150
FFIIG
G..44 TTYYPPIICCAALL FFO
ORRW
WAARRDD CCUURRRREENNTT
DDEERRAATTIINNG
G CCUURRVVEE
NUMBER OF CYCLES AT 60Hz
FFIIG
G.. 11 -- M
MAAXXIIM
MUUM
M NNO
ONN--RREEPPEETTIITTIIVVEE
FFO
ORRW
WAARRDD SSUURRG
GEE CCUURRRREENNTT
TJ = 25 OC
Pulse Width = 300mS
1% Duty Cycle
60 Hz RESISTIVE OR
INDUCTIVE LOAD
0
1
10
100
40
20
60
80
100
120
140
TA= 25
OC
TA = 125OC
0
20
40
80
60
100
40
60
20
0
8.3mS Single Half Sine-Wave
JEDEC Method
2
4
6
10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com