Electronic Components Datasheet Search
  English  ▼

X  

MSB407S Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MSB407S
Description  VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MSB407S Datasheet(HTML) 1 Page - Rectron Semiconductor

  MSB407S Datasheet HTML 1Page - Rectron Semiconductor MSB407S Datasheet HTML 2Page - Rectron Semiconductor MSB407S Datasheet HTML 3Page - Rectron Semiconductor MSB407S Datasheet HTML 4Page - Rectron Semiconductor MSB407S Datasheet HTML 5Page - Rectron Semiconductor MSB407S Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
FEATURES
* Good for automation insertion
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Mounting position: Any
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
2019-07
REV:D
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
I2t
TJ,TSTG
VRMS
Volts
Volts
Amps
4.0
120
59.76
-55 to + 150
0 C
UNITS
Maximum Average Forward Output Current at TC = 110
oC
1000
700
Volts
Amps
A
2S
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
1.0
mAmps
μAmps
Element at 4.0A DC
Maximum Forward Voltage Drop per Bridge
Volts
@TA = 25
oC
@TA = 150
oC
1.0
R JA
0C/W
R JL
Typical Thermal Resistance (Note 2)
Typical Current Squared Time
Note: 1.”ROHS compliant”.
2. Thermal Resistance: Mounted on PCB.
55
15
Maximum Reverse Current at Rated
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
MSB407S
Dimensions in inches and (millimeters)
MSBS
-
+
~~
* Halogen-free
MSB407S
MSB407S
* UL listed the recognized component directory, file #E94233
1000
3. Thermal resistance junction to case,lead and ambient in accordance with JESD-51.
Unit mounted on 15mm x 12 mm x 1.6 mm AL Pad attached on 40mm x 30 mm x24 mm Fin heatsink.
4. Thermal resistance test performed in accordance with JESD-51. Unit mounted on glass-epoxy substrate with 1oz/ft2_20 x 20mm copper pad per pin.
R JC
28
Typical Thermal Resistance (Note 3)
Pin 2
Pin 1
Pin 4
Pin 3
o
o
o
o
+
-~
~
Pin 1
Pin 2
Pin 4
Pin 3


Similar Part No. - MSB407S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MSB407SH RECTRON-MSB407SH Datasheet
125Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 800 Volts CURRENT 4.0 Ampere
2019-09 REV:O
More results

Similar Description - MSB407S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RS401M RECTRON-RS401M Datasheet
24Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RBU401M RECTRON-RBU401M Datasheet
231Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
DB107-C-S-R01 RECTRON-DB107-C-S-R01 Datasheet
233Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE 1000 Volts CURRENT 1.0 Ampere
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
logo
Kingtronics Internation...
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410_16 Datasheet
354Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 4.0 Ampere
logo
Rectron Semiconductor
KBL401 RECTRON-KBL401 Datasheet
125Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
2020-04/10 REV:A
MSB407SH RECTRON-MSB407SH Datasheet
125Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 800 Volts CURRENT 4.0 Ampere
2019-09 REV:O
SLDB207S RECTRON-SLDB207S Datasheet
100Kb / 8P
VOLTAGE 1000 Volts CURRENT 2.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2016-07 REV:O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com