Electronic Components Datasheet Search
  English  ▼

X  

MSB407SH Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MSB407SH
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 800 Volts CURRENT 4.0 Ampere
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MSB407SH Datasheet(HTML) 1 Page - Rectron Semiconductor

  MSB407SH Datasheet HTML 1Page - Rectron Semiconductor MSB407SH Datasheet HTML 2Page - Rectron Semiconductor MSB407SH Datasheet HTML 3Page - Rectron Semiconductor MSB407SH Datasheet HTML 4Page - Rectron Semiconductor MSB407SH Datasheet HTML 5Page - Rectron Semiconductor MSB407SH Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
resistive or inductive load.
FEATURES
* Good for automation insertion
* Ideal for printed circuit board
* Reliable low cost construction utilizing molded
* Glass passivated device
* Mounting position: Any
* Epoxy: Device has UL flammability classification 94V-O
MECHANICAL DATA
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
Dimensions in inches and (millimeters)
MSBS
-
+
~~
* Halogen-free
* UL listed the recognized component directory, file #E94233
Pin 2
Pin 1
Pin 4
Pin 3
o
o
o
o
+
-~
~
Pin 1
Pin 2
Pin 4
Pin 3
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Thermal Resistance (Note 1)
Typical Current Squared Time
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
4.0
60
14.9
40
20
Amps
A
2S
0 C/W
0 C/W
0 C
Storage Temperature Range
R JL
Typical Thermal Resistance (Note 1)
10
Typical Thermal Resistance (Note 1)
0 C/W
R JC
15
R JA
IO
pF
Operating Temperature Range
TJ
-55 to + 150
0 C
800
2019-09
REV:O
CHARACTERISTICS
Maximum Average Reverse Current
Maximum Reverse Recovery Time (Note 3)
at Rated DC Blocking Voltage
VF
SYMBOL
I
trr
R
A
A
Maximum Instantaneous Forward Voltage at 4.0A DC
Volts
0.5
500
75
@TA = 25
oC
@TA = 150
oC
UNITS
NOTES : 1. Thermal Resistance : At 9.5mm lead length,PCB mounted.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Test Conditions: IF= 0.5A, IR= -1.0A, IRR= -0.25A.
3.
I
2T
1.7
nSec
MSB407SH
-55 to + 150
800
560
MSB407SH
MSB407SH
VOLTAGE RANGE 00 Volts CURRENT 4.0 Ampere
8
* High current capability
* High speed switching
* High reliability
* High current surge


Similar Part No. - MSB407SH

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MSB407S RECTRON-MSB407S Datasheet
135Kb / 6P
VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-07 REV:D
More results

Similar Description - MSB407SH

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBJ4A PANJIT-GBJ4A Datasheet
42Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes)
GBU4A PANJIT-GBU4A Datasheet
39Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 4.0 Amperes)
logo
Rectron Semiconductor
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RS401L RECTRON-RS401L Datasheet
22Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RS401M RECTRON-RS401M Datasheet
24Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere)
RBU401M RECTRON-RBU401M Datasheet
231Kb / 3P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
RBU401M RECTRON-RBU401M_10 Datasheet
243Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
logo
Kingtronics Internation...
GBU4005-GBU410 KINGTRONICS-GBU4005-GBU410_16 Datasheet
354Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS VOLTAGE RANGE 100 to 1000 Volts CURRENT 4.0 Ampere
logo
Rectron Semiconductor
MSB407S RECTRON-MSB407S Datasheet
135Kb / 6P
VOLTAGE RANGE 1000 Volts CURRENT 4.0 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-07 REV:D
RBU3006M RECTRON-RBU3006M Datasheet
117Kb / 6P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 800 Volts CURRENT 30 Amperes
2018-11/49 REV: O
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com