Electronic Components Datasheet Search
  English  ▼

X  

MSB606M Datasheet(PDF) 3 Page - Rectron Semiconductor

Part # MSB606M
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 6.0 Amperes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MSB606M Datasheet(HTML) 3 Page - Rectron Semiconductor

  MSB606M Datasheet HTML 1Page - Rectron Semiconductor MSB606M Datasheet HTML 2Page - Rectron Semiconductor MSB606M Datasheet HTML 3Page - Rectron Semiconductor MSB606M Datasheet HTML 4Page - Rectron Semiconductor MSB606M Datasheet HTML 5Page - Rectron Semiconductor MSB606M Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Marking Description
Rectron Logo
Part No.
Voltage-code
1----50V
5----600
2----100V
6----800
3----200V
7----1000V
4----400V
Year – code:
(Y:Last digit of year&
A:2010, B:2011……)
Week – code:
(WW:01~52)
~ V Y WW H
+
-
~
Halogen-free
6 A 7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com