Electronic Components Datasheet Search
  English  ▼

X  

ICSLV810RILF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICSLV810RILF
Description  Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810RILF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICSLV810RILF Datasheet HTML 1Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 2Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 3Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810RILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Buffer/Clock Driver
MDS LV810 F
5
Revision 101305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICSLV810
Note1: This parameter is not tested, guaranteed by design.
DC Electrical Characteristics—Bank C
VDDC = 2.5 V, Ambient Temperature -40
° C to +85° C, unless otherwise noted
Output High Voltage
VOH
VDDB = 1.5 V
VIN = VIH or VIL
IOH = -7 mA
1.1
V
VDDB = 2.5 V
VIN = VIH or VIL
IOH = -7 mA
1.8
V
Output Low Voltage
VOL
VDDB = 1.5 V
VIN = VIH or VIL
IOL =12 mA
0.42
V
VDDB = 2.5 V
VIN = VIH or VIL
IOL =12 mA
0.4
V
Input High Current
IIH
VDDB = max
1
µA
Input Low Current
IIL
VDDB = max
-1
µA
Input High Current
II
VDDB = max,
VIN = VDD (max)
20
µA
Input Capacitance
CIN
VIN = 0V, Note1
5
6.0
pF
Output Capacitance
COUT
VOUT = 0V,
Note 1
5.5
8.0
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDDC
1.425
2.625
V
Quiescent Power
Supply Current
IDDC
VDDC = 2.5 V
No Load
F = 40 MHz
3mA
VDDC = 1.5 V
No Load
F = 40 MHz
2mA
Short Circuit Current
IOS
VDDC = 1.5 V
CLK6-7
±35
mA
VDDC = 2.5 V
CLK6-7
±80
mA
Output High Voltage
VOH
VDDC = 1.5 V
VIN = VIH or VIL
IOH = -7 mA
1.1
V
VDDC = 2.5 V
VIN = VIH or VIL
IOH = -7 mA
1.8
V
Output Low Voltage
VOL
VDDC = 1.5 V
VIN = VIH or VIL
IOL =12 mA
0.42
V
VDDC = 2.5 V
VIN = VIH or VIL
IOL =12 mA
0.4
V
Input High Current
IIH
VDDC = max
1
µA
Input Low Current
IIL
VDDC = max
-1
µA
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com