Electronic Components Datasheet Search
  English  ▼

X  

AN0332 Datasheet(PDF) 3 Page - Supertex, Inc

Part # AN0332
Description  8 N-Channel Latchable Power MOSFET Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AN0332 Datasheet(HTML) 3 Page - Supertex, Inc

  AN0332 Datasheet HTML 1Page - Supertex, Inc AN0332 Datasheet HTML 2Page - Supertex, Inc AN0332 Datasheet HTML 3Page - Supertex, Inc AN0332 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9-3
9
A0, A1, A2
5
6
7
8
9
1a
11
10
1b
2
3
4
Write Disable
Data
Reset
tW
tP
tP
tR
tW
tP
VSS
VDD
tf
10%
10%
90%
td(ON)
td(OFF)
10%
tH
tS
tW
Q0 OFF
Q0 ON
Q7 OFF
Q7 ON
90%
90%
90%
Symbol
Parameter
VDD
Min
Max
Unit
VDD
Logic supply voltage
10.0
13.2
V
V
O
Output Voltage referenced to V
SS
0
320
V
V
IH
Input High Voltage
12V
V
DD - 2
V
DD
V
VIL
Input Low Voltage
12V
0
2.0
V
T
A
Operating Free-Air Temperature
0
70
°C
Note:
1. All voltages are referenced to V
SS.
Recommended Operating Conditions
(For maximum reliability, nominal operating conditons should be selected so that operation is always within the following ranges.)
AN0332
Data
Write Disable
Reset
Addressed Output
Unaddressed Outputs
HL
LOn
Holdspriv.
L
Off
HH
L
Holdspriv.
Holdspriv.
L
HL
H
On
Off
L
Off
HHH
Off
Off
L
Mode Selection
Timing Diagram
Figure 1
– OBSOLETE
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com