Electronic Components Datasheet Search
  English  ▼

X  

AP0332 Datasheet(PDF) 1 Page - Supertex, Inc

Part # AP0332
Description  8 P-Channel Latchable Power MOSFET Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AP0332 Datasheet(HTML) 1 Page - Supertex, Inc

  AP0332 Datasheet HTML 1Page - Supertex, Inc AP0332 Datasheet HTML 2Page - Supertex, Inc AP0332 Datasheet HTML 3Page - Supertex, Inc AP0332 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-5
9
1
8
top view
2
3
4
5
6
7
16
9
15
14
13
12
11
10
AP0332
8 P-Channel Latchable Power MOSFET Array
Ordering Information
General Description
The Supertex AP0332 is an 8 P-Channel 320V common source
power MOSFET array with a CMOS 8 bit addressable latch. The
outputs are guaranteed to have very low leakage current. The
outputs are addressed by logic inputs A0, A1, and A2. The
addressed and unaddressed output can be turned on or off by the
data, set, and write disable inputs.
The AP0332 is ideally suited for low leakage/high impedance
measurements, providing excellent accuracy as well as resolution
for automatic bare board test equipment and other applications.
Features
Low drain to source leakage
Interfaces directly to TTL and CMOS logic
8 independent channels
Low crosstalk between channels
Low power dissipation
Freedom from secondary breakdown
Serial data input
On-chip decoder, latch with set and write disable circuitry
Absolute Maximum Ratings1
Off-state output voltage, VOO
-320V
Logic supply voltage, V
DD
-0.5V to +15V
Logic input levels, all inputs
-0.5V to VDD
Operating and storage temperature range
-55°C to +150°C
Soldering temperature 2
300°C
Channel-to-channel crosstalk
10mV/V
Notes:
1. All voltages are referenced to VSS.
2. Distance of 1.6mm from case for 10 seconds.
Applications
High impedance/low leakage measurements
for bare board testers
High voltage piezoelectric transducer drivers
High voltage electroluminescent panel drivers
High voltage electrostatic array drivers
General multi-channel driver arrays
Pin Configuration
Q
7
V
DD
Set
Q
6
Data
Q
5
Write Dis
Q
4
A
0
Q
3
A
1
Q
2
A
2
Q
1
V
SS
Q
0
Note: See Package Outline section for dimensions.
SO-16
V
DD
R
O(ON)
I
O(ON)
I
O(OFF)
Order Number/Package
(max)
(max)
(min)
(max)
SO-16
Die
-320V
700Ω
-15mA
-1.0nA
AP0332CG
AP0332ND
*Average current per channel, measured with all eight channels connected in parallel.
– OBSOLETE
–


Similar Part No. - AP0332

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
1.5A Low Dropout Positive Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
AP033D ANACHIP-AP033D Datasheet
137Kb / 5P
1.5A Low Dropout Positive Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
AP033DA ANACHIP-AP033DA Datasheet
137Kb / 5P
1.5A Low Dropout Positive Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
AP033DL ANACHIP-AP033DL Datasheet
137Kb / 5P
1.5A Low Dropout Positive Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
AP033DLA ANACHIP-AP033DLA Datasheet
137Kb / 5P
1.5A Low Dropout Positive Fixed-Mode Regulator
Rev.1.0 Aug.27, 2004
More results

Similar Description - AP0332

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
AP01 SUTEX-AP01 Datasheet
159Kb / 5P
8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode?
logo
Maxim Integrated Produc...
DG528CJ MAXIM-DG528CJ Datasheet
115Kb / 12P
8-Channel Latchable Multiplexers
19-3519; Rev 0; 3/91
logo
Hitachi Semiconductor
4AM16 HITACHI-4AM16 Datasheet
87Kb / 11P
Silicon N-Channel/P-Channel Power MOSFET Array
logo
Supertex, Inc
AN0332 SUTEX-AN0332 Datasheet
50Kb / 4P
8 N-Channel Latchable Power MOSFET Array
logo
ON Semiconductor
MMDF4P03HD ONSEMI-MMDF4P03HD Datasheet
207Kb / 8P
P-channel SO-8 Power MOSFET
August, 2006 ??Rev. 3
logo
Texas Instruments
CSD22204W TI1-CSD22204W Datasheet
470Kb / 12P
8 V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
8 V P-Channel NexFET Power MOSFET
logo
ON Semiconductor
NTMD3P03R2 ONSEMI-NTMD3P03R2_13 Datasheet
116Kb / 6P
Power MOSFET Dual P-Channel SOIC-8
August, 2013 ??Rev. 4
logo
Texas Instruments
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
8-V P-Channel NexFET Power MOSFET
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com