Electronic Components Datasheet Search
  English  ▼

X  

MA3D693 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # MA3D693
Description  Silicon planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3D693 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA3D693 Datasheet HTML 1Page - Panasonic Semiconductor MA3D693 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fast Recovery Diodes (FRD)
2
MA3D693
IF  VF
IR  VR
VF  Ta
IR  Ta
Ct  VR
10−5
0
0.2
0.4
0.6
0.8
1.0
1.2
10
1
10−1
10−2
10−3
10−4
Forward voltage V
F
(V)
Ta
= 150°C
−20°C
100
°C 25°C
PD(AV)  IF(AV)
IF(AV)  TC
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 5 A
2.5 A
1 A
10−2
0
100
200
300
400
500
600
104
103
102
10
1
10−1
Reverse voltage V
R
(V)
Ta
= 150°C
100
°C
25
°C
0.01
−40
0
40
80
120
160
200
0.1
1
10
100
1 000
Ambient temperature T
a
(
°C)
VR
= 400 V
100 V
10 V
0
300
250
200
150
100
50
0
50
100
150
200
250
300
Reverse voltage V
R
(V)
0
15
10
5
012345
6
Average forward current I
F(AV)
(A)
t0 / t1
= 1/6
1/3
1/2
t1
t0
DC
0
1
2
3
4
5
6
7
8
40
60
80
100
120
140
160
Case temperature T
C
(
°C)
t0 / t1
= 1/2
1/3
t1
t0
1/6
DC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com