Electronic Components Datasheet Search
  English  ▼

X  

LTM2884 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM2884
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2884 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM2884 Datasheet HTML 13Page - Analog Devices LTM2884 Datasheet HTML 14Page - Analog Devices LTM2884 Datasheet HTML 15Page - Analog Devices LTM2884 Datasheet HTML 16Page - Analog Devices LTM2884 Datasheet HTML 17Page - Analog Devices LTM2884 Datasheet HTML 18Page - Analog Devices LTM2884 Datasheet HTML 19Page - Analog Devices LTM2884 Datasheet HTML 20Page - Analog Devices LTM2884 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
LTM2810
17
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The maximum data rate for bidirectional communication
is 4MHz, based on a synchronous system, as detailed in
the timing waveforms. Slightly higher data rates may be
achieved by skewing the clock duty cycle and minimizing
the DO1 (SDO) to DI1 (SCK) setup time, however the clock
rate is still dominated by the system propagation delays. A
discussion of the critical timing paths relative to Figure 6
and Figure 7 follows. For SPI communication DI1 = SCK,
DI2 = SDI, DI3 = CS, DO1 = SDO, O1 = SCK2, O2N and
O2P = SDI2, O3 = CS2, and I1 = SDO2.
• CS to SCK (master sample SDO, 1st SDO valid)
t0 → t1 ≈ 50ns, CS to CS2 propagation delay
t1 → t1+ Isolatedslavedevicepropagation(response
time), asserts SDO2
t1 → t3 ≈ 50ns, SDO2 to SDO propagation delay
t3 → t5 Setup time for master SDO to SCK
• SDI to SCK (master data write to slave)
t2 → t4 ≈ 50ns, SDI to SDI2 propagation delay
t5 → t6 ≈ 50ns, SCK to SCK2 propagation delay
t2 → t5 ≥ 50ns,SDItoSCK,separatepacketnon-zero
setup time
t4 → t6 ≥ 50ns, SDI2 to SCK2, separate packet non-
zero setup time
• SDO to SCK (master sample SDO, subsequent SDO
valid)
t8
Setup data transition SDI and SCK
t8 → t10 ≈ 50ns, SDI to SDI2 and SCK to SCK2
propagation delay
t10
SDO2 data transition in response to SCK2
t10 → t11 ≈ 50ns, SDO2 to SDO propagation delay
t11 → t12 Setup time for master SDO to SCK
Maximum data rate for single direction communication,
master to slave, is 8MHz, limited by the systems encod-
ing/decoding scheme or propagation delay. Timing details
for both variations of clock phase are shown in Figure 8,
Figure 9, and Table 3.
Additional requirements to insure maximum data rate are:
• CS is transmitted prior to (asynchronous) or within the
same (synchronous) data packet as SDI
• SDIandSCKsetupdatatransitionoccurwithinthesame
data packet. Referencing Figure 6, SDI can precede SCK
by up to 13ns (t7 → t8) or lag SCK by 3ns (t8 → t9)
and not violate this requirement. Similarly in Figure 8,
SDI can precede SCK by up to 13ns (t4 → t5) or lag
SCK by 3ns (t5 → t6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com