Electronic Components Datasheet Search
  English  ▼

X  

LTM2893 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM2893
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2893 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM2893 Datasheet HTML 6Page - Analog Devices LTM2893 Datasheet HTML 7Page - Analog Devices LTM2893 Datasheet HTML 8Page - Analog Devices LTM2893 Datasheet HTML 9Page - Analog Devices LTM2893 Datasheet HTML 10Page - Analog Devices LTM2893 Datasheet HTML 11Page - Analog Devices LTM2893 Datasheet HTML 12Page - Analog Devices LTM2893 Datasheet HTML 13Page - Analog Devices LTM2893 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LTM2810
10
Rev. A
For more information www.analog.com
PIN FUNCTIONS
an external pull-up device to SDA2. Under the condition
of an isolation communication failure outputs default to
a high state. Pins connected internally.
SCL2 (W4): Serial I2C Clock Output, Referenced to VL2
and GND2. Logic output connected to logic side SCL pin
through the isolation barrier. Clock is unidirectional from
logic to isolated side. SCL2 has a push-pull output stage;
do not connect an external pull-up device. Under the con-
dition of an isolation communication failure this output
defaults to a high state.
AVL2 (W5): VL2 LDO Adjust Pin.
I3 (X1): Digital Input, Referenced to VL2 and GND2. Logic
input connected to DO3 through the isolation barrier. The
logic state on I3 translates to the same logic state on DO3.
Connect to GND2 or VL2 if not used.
I1 (X3): Digital Input, Referenced to VL2 and GND2. Logic
input connected to DO1 through the isolation barrier. The
logic state on I1 translates to the same logic state on DO1.
Connect to GND2 or VL2 if not used.
ON2 (X4): Enable, Referenced to VL2 and GND2. Enables
data communication through the isolation barrier. If ON2
is high the part is enabled and communications are func-
tional to the logic side. If ON2 is low the isolated side is
held in reset, all digital outputs are in a high state. Connect
to VL2 if not driven.
VL2 (X5, X6): Logic Supply, Referred to GND2. Interface
supply voltage for pins SCL2, SDA2, I1, I3, O3, and ON2.
Operating voltage is 3V to 5.5V. Internally bypassed with
6.6μF.
GND2 (W6, V1 to V5): Isolated Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com