Electronic Components Datasheet Search
  English  ▼

X  

MA3D694 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA3D694
Description  Silicon planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA3D694 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA3D694 Datasheet HTML 1Page - Panasonic Semiconductor MA3D694 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Fast Recovery Diodes (FRD)
MA3D694
Silicon planar type
For high-frequency rectification
I Features
• Low forward rise voltage V
F
• Fast reverse recovery time t
rr
• TO-220D (Full-pack package) with high dielectric breakdown
voltage
> 5.0 kV
• Easy-to-mount, caused by its V cut lead end
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
1 : Anode
2 : Cathode
3 : Anode
TO-220D Package
Parameter
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
400
V
Non-repetitive peak reverse
VRSM
400
V
surge voltage
Average forward current
IF(AV)
10
A
Non-repetitive peak forward
IFSM
60
A
surge current*
Junction temperature
Tj
−40 to +150
°C
Storage temperature
Tstg
−40 to +150
°C
Note) * : Half sine-wave; 10 ms/cycle
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Repetitive peak reverse current
IRRM1
VRRM = 400 V, TC = 25
°C50
µA
IRRM2
VRRM = 400 V, Tj = 150
°C6
mA
Forward voltage (DC)
VF
IF = 5 A, TC = 25°C1
V
Reverse recovery time*
trr
IF = 1 A, IR = 1 A
100
ns
Thermal resistance
Rth(j-c)
Direct current (between junction and case)
3
°C/W
Rth(j-a)
62.5
°C/W
I Electrical Characteristics T
a
= 25°C
Note) 1. Rated input/output frequency: 10 MHz
2. * : trr measuring circuit
Internal Connection
D.U.T
trr
0.1
× I
R
IF
IR
50
Ω
5.5
Ω
50
Ω
123
1
9.9
± 0.3
4.6
± 0.2
2.9
± 0.2
0.8
± 0.1
1.4
± 0.2
23
φ 3.2 ± 0.1
2.6
± 0.1
0.55
± 0.15
2.54
± 0.3
5.08
± 0.5
1.6
± 0.2


Similar Part No. - MA3D694

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
Silicon planar type
MA3D691 PANASONIC-MA3D691 Datasheet
40Kb / 2P
Silicon planar type
MA3D693 PANASONIC-MA3D693 Datasheet
45Kb / 2P
Silicon planar type
More results

Similar Description - MA3D694

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
Silicon planar type
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
Silicon planar type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com