Electronic Components Datasheet Search
  English  ▼

X  

HV461 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV461
Description  HV461FG Ring Generator Controller IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV461 Datasheet(HTML) 3 Page - Supertex, Inc

  HV461 Datasheet HTML 1Page - Supertex, Inc HV461 Datasheet HTML 2Page - Supertex, Inc HV461 Datasheet HTML 3Page - Supertex, Inc HV461 Datasheet HTML 4Page - Supertex, Inc HV461 Datasheet HTML 5Page - Supertex, Inc HV461 Datasheet HTML 6Page - Supertex, Inc HV461 Datasheet HTML 7Page - Supertex, Inc HV461 Datasheet HTML 8Page - Supertex, Inc HV461 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HV461
3
Logic Inputs
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VIN(lo)
Input voltage low
0.3·VDD
V
VIN(hi)
Input voltage high
0.7·VDD
V
IIN(lo)
Input current low
-1
µA
VIN=0V
IIN(hi)
Input current high
1
µA
VIN=5.0V
CIN
Input capacitance
10
pF
tS
Set-up time
100
ns
tH
Hold time
100
ns
RESET
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VRESET(ON)
RESET on voltage
1.200
1.325
1.450
V
VRESET(OFF)
RESET off voltage
1.000
1.125
1.250
V
VRESET (HYS)
RESET hysteresis
0.150
0.200
0.250
V
IP-UP
RESET pull-up current
7.0
10.0
13.0
µA
Undervoltage Lockout
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VDD(ON)
VDD on voltage
2.75
2.85
2.95
V
VDD(OFF)
VDD off voltage
2.60
V
VDD(HYS)
VDD hysteresis
0.10
V
VGD(ON)
VGD on voltage
same as VGD regulation point
V
VGD(OFF)
VGD off voltage
7.0
V
VGD(HYS)
VGD hysteresis
0.20
V
Fault Output
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VOUT(lo)
Output voltage low
0.2
V
IOUT=1mA
KFAULT(on)
FAULT on threshold
6
8
10
%*
CFAULT=10
µF
KFAULT(off)
FAULT off threshold
1
2
3
%*
CFAULT=10
µF
tFAULT(hold)
FAULT hold time
50
mS
CFAULT=10
µF
* Percent of time PWM overrange or overcurrent is active.
Amplifiers
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
VIN
Input Range
0.25
2.50
V
IIN
Input Bias Current
-500
500
nA
VIN=0.5V to VDD-0.5
VOFFSET
Input Offset Voltage
-5
5
mV
VOUT(min)
Min output
0.1
0.2
V
IOUT=±100uA
VOUT(max)
Max output
VDD -0.2
VDD -0.1
IOUT=±100uA
AVOL
Open Loop Gain
60
80
dB
CMRR
Common mode rejection ratio
-40
-60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com