Electronic Components Datasheet Search
  English  ▼

X  

ALD1702A Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ALD1702A
Description  5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1702A Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ALD1702A Datasheet HTML 1Page - ADL Embedded Solutions ALD1702A Datasheet HTML 2Page - ADL Embedded Solutions ALD1702A Datasheet HTML 3Page - ADL Embedded Solutions ALD1702A Datasheet HTML 4Page - ADL Embedded Solutions ALD1702A Datasheet HTML 5Page - ADL Embedded Solutions ALD1702A Datasheet HTML 6Page - ADL Embedded Solutions ALD1702A Datasheet HTML 7Page - ADL Embedded Solutions ALD1702A Datasheet HTML 8Page - ADL Embedded Solutions ALD1702A Datasheet HTML 9Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.1 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD1702A/ALD1702B/ALD1702/ALD1703 is a monolithic opera-
tional amplifier intended primarily for a wide range of analog applications
in +5V single power supply and ±5V dual power supply systems as well
as +4V to +10V battery operated systems. All device characteristics are
specified for +5V single supply or ±2.5V dual supply systems. It is
manufactured with Advanced Linear Devices' enhanced ACMOS silicon
gate CMOS process.
The ALD1702A/ALD1702B/ALD1702/ALD1703 is designed to offer a
balanced trade-off of performance parameters providing a wide range of
desired specifications. It has been developed specifically with the 5V
single supply or ±2.5 dual supply user in mind and offers the industry
pin configuration of µA741 and ICL7611 types.
Several important characteristics of the device make many applications
easy to implement for these supply voltages. First, the operational
amplifier can operate with rail to rail input and output voltages. This
feature allows numerous analog serial stages to be implemented without
losing operating voltage margin. Second, the device was designed to
accommodate mixed applications where digital and analog circuits may
work off the same 5V power supply. Third, the output stage can drive
up to 400pF capacitive and 5KΩ resistive loads in non-inverting unity
gain connection and double the capacitance in the inverting unity gain
mode.
These features, coupled with extremely low input currents, high voltage
gain, useful bandwidth of 1.5MHz, slew rate of 2.1V/µs, low power
dissipation, low offset voltage and temperature drift, make the ALD1702A/
ALD1702B/ALD1702/ALD1703 a truly versatile, user friendly, operational
amplifier.
The ALD1702A/ALD1702B/ALD1702/ALD1703 is designed and
fabricated with silicon gate CMOS technology, and offers 1pA typical
input bias current. On-chip offset voltage trimming allows the device to
be used without nulling in most applications. The device offers typical
offset drift of less than 7µV/°C which eliminates many trim or temperature
compensation circuits. For precision applications, it is designed to settle
to 0.01% in 8µs. Additionally, robust design and rigorous screening make
this device especially suitable for operation in temperature-extreme
environments and rugged conditions.
FEATURES
• Rail-to-rail input and output voltage ranges
• All parameters specified for +5V single
supply or ±2.5V dual supply systems.
• High load capacitance capability --
4000pF typical
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical (30pA max.)
• Ideal for high source impedance applications
• Dual power supply ±2.5V to ±5.0V operation
• Single power supply +5V to +10V operation
• High voltage gain -- typically 85V/mV
@ ±2.5V and 250V/mV @ ±5.0V
• Drive as low as 2KΩ load with 5mA
drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz (1MHz min.)
• Slew rate of 2.1V/µs (1.4V/µs min.)
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A/ALD1702B
ALD1702/ALD1703
ADVANCED
LINEAR
DEVICES, INC.
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
• Coaxial cable driver
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1702ASAL
ALD1702APAL
ALD1702ADA
ALD1702BSAL
ALD1702BPAL
ALD1702BDA
ALD1702SAL
ALD1702PAL
ALD1702DA
ALD1703SAL
ALD1703PAL
ALD1703DA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
PIN CONFIGURATION
* N/C pins are internally connected. Do not connect externally.
1
2
2
3
4
8
7
6
5
N/C
-IN
+IN
N/C
OUT
N/C
V-
V+
TOP VIEW
SAL, PAL, DA PACKAGES


Similar Part No. - ALD1702A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702ADA ALD-ALD1702ADA Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702ADA ALD-ALD1702ADA Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702APA ALD-ALD1702APA Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702APAL ALD-ALD1702APAL Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1702A

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702 ALD-ALD4702_10 Datasheet
82Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com