Electronic Components Datasheet Search
  English  ▼

X  

ALD1721EPAL Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # ALD1721EPAL
Description  EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1721EPAL Datasheet(HTML) 2 Page - ADL Embedded Solutions

  ALD1721EPAL Datasheet HTML 1Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 2Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 3Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 4Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 5Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 6Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 7Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 8Page - ADL Embedded Solutions ALD1721EPAL Datasheet HTML 9Page - ADL Embedded Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ALD1721E
Advanced Linear Devices
2 of 13
FUNCTIONAL DESCRIPTION
The ALD1721E uses EPADs as in-circuit elements for trim-
ming of offset voltage bias characteristics. Each ALD1721E
has a pair of EPAD-based circuits connected such that one
circuit is used to adjust VOS in one direction and the other
circuit is used to adjust VOS in the other direction. While each
of the EPAD devices is a monotonically adjustable program-
mable device, the VOS of the ALD1721E can be adjusted
many times in both directions. Once programmed, the set
VOS levels are stored permanently, even when the device
power is removed.
The ALD1721E is pre-programmed at the factory under
standard operating conditions for minimum equivalent input
offset voltage.
It also has a guaranteed offset voltage
program range, which is ideal for applications that require
electrical offset voltage programming.
The ALD1721E is an operational amplifier that can be
trimmed with user application-specific programming or in-
system programming conditions. User application-specific
circuit programming refers to the situation where the Total
Input Offset Voltage of the ALD1721E can be trimmed with
the actual intended operating conditions.
For example, an application circuit may have +6V and -2.5V
power supplies, and the operational amplifier input is biased
at +0.7V, and an average operating temperature at 55
°C.
The circuit can be wired up to these conditions within an
environmental chamber with the ALD1721E inserted into a
test socket connected to this circuit while it is being electri-
cally trimmed. Any error in VOS due to these bias conditions
can be automatically zeroed out. The Total VOS error is now
limited only by the adjustable range and the stability of VOS,
and the input noise voltage of the operational amplifier.
Therefore, this Total VOS error now includes VOS as VOS is
traditionally specified; plus the VOS error contributions from
PSRR, CMRR, TCVOS, and noise. Typically this total VOS
error term (VOST) is approximately ±35µV for the ALD1721E.
The VOS contribution due to PSRR, CMRR, TCVOS and
external components can be large for operational amplifiers
without trimming. Therefore the ALD1721E with EPAD trim-
ming is able to provide much improved system performance
by reducing these other sources of error to provide signifi-
cantly reduced VOST.
In-System Programming refers to the condition where the
EPAD adjustment is made after the ALD1721E has been
inserted into a circuit board. In this case, the circuit design
must provide for the ALD1721E to operate in normal mode
and in programming mode. One of the benefits of in-system
programming is that not only is the ALD1721E offset voltage
from operating bias conditions accounted for, any residual
errors introduced by other circuit components, such as resis-
tor or sensor induced voltage errors, can also be corrected.
In this way, the “in-system” circuit output can be adjusted to
a desired level, eliminating the need for another trimming
function.
USER PROGRAMMABLE VOS FEATURE
Each ALD1721E has two pins named VE1 and VE2 which are
internally connected to an internal offset bias circuit. VE1/
VE2 have initial typical values of 1.2V/1.7V. The voltage on
these pins can be programmed using the ALD E100 EPAD
Programmer and the appropriate Adapter Module. The useful
programming range of VE1 and VE2 is 1.2V to 3.0V.
VE1 and VE2 pins are programming pins, used during
programming mode to inject charge into the internal EPADs.
Increasing voltage on VE1 decreases the offset voltage
whereas increasing voltage on VE2 increases the offset
voltage of the operational amplifier. The injected charge is
permanently stored and determines the offset voltage of the
operational amplifier.
After programming, VE1 and VE2
terminals must be left open to settle on a voltage determined
by internal bias currents.
During programming, the voltages on VE1 or VE2 are in-
creased incrementally to set the offset voltage of the opera-
tional amplifier to the desired Vos. Note that desired Vos can
be any value within the offset voltage programmable ranges,
and can be zero, a positive value or a negative value. This
VOS value can also be reprogrammed to a different value at
a later time, provided that the useful VE1 or VE2 program-
ming voltage range has not been exceeded. VE1 or VE2 pins
can also serve as capacitively coupled input pins.
Internally, VE1 and VE2 are programmed and connected
differentially.
Temperature drift effects between the two
internal offset bias circuits cancel each other and introduce
less net temperature drift coefficient change than offset
voltage trimming techniques such as offset adjustment with
an external trimmer potentiometer.
While programming, V+, VE1 and VE2 pins may be alter-
nately pulsed with 12V (approximately) pulses generated by
the EPAD Programmer. In-system programming requires
the ALD1721E application circuit to accommodate these
programming pulses. This can be accomplished by adding
resistors at certain appropriate circuit nodes.
For more
information, see Application Note AN1700.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com