Electronic Components Datasheet Search
  English  ▼

X  

ALD1722GSAL Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ALD1722GSAL
Description  PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1722GSAL Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ALD1722GSAL Datasheet HTML 1Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 2Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 3Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 4Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 5Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 6Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 7Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 8Page - ADL Embedded Solutions ALD1722GSAL Datasheet HTML 9Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.1 ©2011 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD1722/ALD1722G is a monolithic precision low power CMOS
operational amplifier intended for a broad range of precision applications
requiring exremely low input signal power. Input signal power is the product
of input offset voltage and input bias current, which represents the mini-
mum required power draw from the signal source in order to drive the input
of the operational amplifier. Input signal power is also a figure of merit in
source loading and its associated error, and is a measure of the basic signal
resolution possible through the operational amplifier for a given signal
source. For certain types of signal sources, signal loading directly trans-
lates into a significant distortion or "interface noise equivalent " term.
The ALD1722/ALD1722G is designed to set a new standard in low input
signal power requirements. The typical input loading at its input is 0.03 mV
offset voltage and 0.01 pA input bias current at 25C, resulting in 0.0003 fW
input signal power draw. This input characteristic virtually eliminates any
loading effects on most types of signal sources, offering unparalled
accuracy and signal integrity and fidelity. Obviously, for capacitive and high
sensitivity, high impedance signal sources, the ALD1722/ALD1722G is
ideally suited. It is readily suited for +5V single supply (or
±2V to ±5V)
systems, with low operating power dissipation, a traditional strength of
CMOS technology. It is offered with industry standard pin configuration of
µA741 and ICL7611 types.
The ALD1722/ALD1722G can operate with rail to rail large signal input and
output voltages with relatively high slew rate. The input voltage can be
equal to or exceed the positive and negative supply voltages while the
output voltage can swing close to these supply voltage rails. This feature
significantly reduces the supply overhead voltage required to operate the
operational amplifier and allows numerous analog serial stages to operate
in a low power supply environment. circuits may operate off the same power
supply or battery. This device also features rail-to-rail input and output
voltage ranges, tolerance to over-voltage input spikes of 300mV beyond
supply rails, high open loop voltage gain, useful bandwidth of 1.5 MHz, slew
rate of 2.1 V/
µs, and low supply current of 0.8mA. Finally, the output stage
can typically drive up to 400pF capacitive loads in the unity gain mode and
up to 4000 pF capacitive load at a gain of 5.
These features make the ALD1722/ALD1722G a versatile, high precision
operational amplifier that is user friendly and easy to use with virtually no
source loading and zero input-loading induced source errors. Additionally,
robust design and rigorous screening make this device especially suitable
for operation in temperature-extreme environments and rugged condi-
tions.
FEATURES & BENEFITS
• Lead Free - RoHS compatible
• Robust high-temperature operation
• Industry standard pinout
• Rail-to-rail input/output
• Exremely low input signal power
• Input bias current of 0.01pA and
input offset voltage of 25
µV
• No external components
• No internal chopper clocking noise
• No chopper dynamic power dissipation
• Simple and cost effective
• Small package size
• Drive up to 4000pF load capacitance
• Low power
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Precision cable driver
• Sensor interface circuits
• Unity gain buffer amplifier
• Precision analog cable driver
• Transducer biasing circuits
• Capacitive and charge integration circuits
• Biochemical probe interface
• Signal conditioning
• Portable instruments
• High source impedance electrode
amplifiers
• Precision Sample and Hold amplifiers
• Precision current to voltage converter
• Error correction circuits
• Sensor compensation circuits
• Precision gain amplifiers
• System output level shifter
PIN CONFIGURATION
* N/C pins are internally connected. Do not connect externally.
1
2
2
3
4
8
7
6
5
TOP VIEW
N/C
-IN
+IN
N/C
OUT
N/C
V-
V+
TOP VIEW
SAL, PAL, DA PACKAGES
Operating Temperature Range
0
°C to +70°C0°C to +70°C
-55
°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1722SAL
ALD1722PAL
ALD1722DA
ALD1722GSAL
ALD1722GPAL
ALD1722GDA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
eEPAD
TM
®
N
A
B
L
E
D
E
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1722/ALD1722G
ADVANCED
LINEAR
DEVICES, INC.


Similar Part No. - ALD1722GSAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1722GSAL ALD-ALD1722GSAL Datasheet
112Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
More results

Similar Description - ALD1722GSAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
Low Power CMOS Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
Analog Devices
PM1012 AD-PM1012 Datasheet
75Kb / 4P
Low Power Precision Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA21 BURR-BROWN-OPA21 Datasheet
300Kb / 6P
Low-Power Precision OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
logo
Texas Instruments
OPA211 TI1-OPA211_15 Datasheet
1Mb / 45P
Low Power, Precision Operational Amplifier
OPA2211-EP TI1-OPA2211-EP_16 Datasheet
1Mb / 32P
Low-Power, Precision Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD1722 ALD-ALD1722 Datasheet
112Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2011
ALD1732A ALD-ALD1732A Datasheet
90Kb / 9P
PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com