Electronic Components Datasheet Search
  English  ▼

X  

ALD555PAL Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # ALD555PAL
Description  HIGH SPEED CMOS TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD555PAL Datasheet(HTML) 1 Page - ADL Embedded Solutions

  ALD555PAL Datasheet HTML 1Page - ADL Embedded Solutions ALD555PAL Datasheet HTML 2Page - ADL Embedded Solutions ALD555PAL Datasheet HTML 3Page - ADL Embedded Solutions ALD555PAL Datasheet HTML 4Page - ADL Embedded Solutions ALD555PAL Datasheet HTML 5Page - ADL Embedded Solutions ALD555PAL Datasheet HTML 6Page - ADL Embedded Solutions ALD555PAL Datasheet HTML 7Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
ADVANCED
LINEAR
DEVICES, INC.
ALD555
BLOCK DIAGRAM
OUTPUT
(3)
DISCHARGE
(7)
RESET
(4)
R
S
R
R
R
TRIGGER
(2)
GND
(1)
CONTROL
(5)
THRESHOLD
(6)
V+
(8)
* Contact factory for leaded (non-RoHS) or high temperature versions.
Operating Temperature Range *
0°C to +70°C0°C to +70°C
-55°C to +125°C
8-Pin Small Outline
8-Pin Plastic
8-Pin CERDIP
Package (SOIC)
DIP Package
Package
ALD555SAL
ALD555PAL
ALD555DA
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
HIGH SPEED CMOS TIMER
GENERAL DESCRIPTION
The ALD555 timer is a high performance monolithic timing circuit built
with advanced silicon gate CMOS technology. It offers the benefits of
high input impedance, thereby allowing smaller timing capacitors and
longer timing cycle; high speed, with typical cycle time of 500ns; low
power dissipation for battery operated environment; reduced supply
current spikes, allowing smaller and lower cost decoupling capacitors.
It is capable of producing accurate time delays and oscillations in both
monostable and astable operation. It operates in the one-shot (mono-
stable) mode or 50% duty cycle free running oscillation mode with a
single resistor and one capacitor. The inputs and outputs are fully
compatible with CMOS, NMOS or TTL logic.
There are three matched internal resistors (approximately 200KΩ
each) that set the threshold and trigger levels at two-thirds and one-
third respectively of V+
.
These levels can be adjusted by using the
control terminal (pin 5). When the trigger input is below the trigger level,
the output is in the high state and sourcing 2mA. When threshold input
is above the threshold level at the same time the trigger input is above
the trigger level, the internal flip-flop is reset, the output goes to the low
state and sinks up to 10mA. The reset input overrides all other inputs
and when it is active (reset voltage less than 1V), the output is in the
low state.
FEATURES
• Functional equivalent to NE555 with greatly expanded high
and low frequency ranges
• High speed, low power, monolithic CMOS technology
• Low supply current: 100µA typical
• Extremely low trigger, threshold and reset currents:1pA typical
• High speed operation -- 2MHz oscillation
• Low operating supply voltage of 2 to 12V
• Operates in both monostable and astable modes
• Fixed 50% duty cycle or adjustable duty cycle
• CMOS, NMOS and TTL compatible input/output
• High discharge sinking current of 80mA
• Low supply current spikes
PIN CONFIGURATION
GROUND
TRIGGER
OUTPUT
RESET
DISCHARGE
THRESHOLD
7
CONTROL
3
1
2
4
6
8
5
V+
APPLICATIONS
•
High speed one-shot (monostable)
pulse generation
• Precision timing
• Sequential timing
• Long delay timer
• Pulse width and pulse position
modulation
• Missing pulse detector
• Frequency divider
SAL, PAL, DA PACKAGES


Similar Part No. - ALD555PAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD555PAL ALD-ALD555PAL Datasheet
60Kb / 7P
HIGH SPEED CMOS TIMER
2010
More results

Similar Description - ALD555PAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC555 NSC-LMC555 Datasheet
318Kb / 12P
CMOS Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
CMOS Watchdog Timer
logo
ELM Technology Corporat...
ELMC555AA-S ELM-TECH-ELMC555AA-S Datasheet
67Kb / 3P
CMOS Timer
logo
National Semiconductor ...
LMC555 NSC-LMC555_06 Datasheet
772Kb / 12P
CMOS Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
CMOS Watchdog Timer
logo
Texas Instruments
LMC555 TI-LMC555 Datasheet
1Mb / 21P
LMC555 CMOS Timer
logo
Tyco Electronics
CD4536B MACOM-CD4536B_13 Datasheet
1Mb / 21P
CMOS Programmable Timer
logo
Texas Instruments
CD4541B TI1-CD4541B_16 Datasheet
1Mb / 18P
CMOS Programmable Timer
LMC555 TI1-LMC555_16 Datasheet
1Mb / 28P
CMOS Timer
logo
Advanced Linear Devices
ALD555 ALD-ALD555_V01 Datasheet
60Kb / 7P
HIGH SPEED CMOS TIMER
2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com