Electronic Components Datasheet Search
  English  ▼

X  

HV732 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV732
Description  High Speed 짹100V 2A Integrated Ultrasound Pulser
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV732 Datasheet(HTML) 2 Page - Supertex, Inc

  HV732 Datasheet HTML 1Page - Supertex, Inc HV732 Datasheet HTML 2Page - Supertex, Inc HV732 Datasheet HTML 3Page - Supertex, Inc HV732 Datasheet HTML 4Page - Supertex, Inc HV732 Datasheet HTML 5Page - Supertex, Inc HV732 Datasheet HTML 6Page - Supertex, Inc HV732 Datasheet HTML 7Page - Supertex, Inc HV732 Datasheet HTML 8Page - Supertex, Inc HV732 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
NR040506
HV732
Ordering Information
Device
Package Options
44-Lead QFN
HV732
HV732K6
HV732K6-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
V
LL, logic supply
-0.5V to +5.5V
V
DD, positive gate drive supply
-0.5V to +15V
AV
DD, positive gate drive supply
-0.5V to +15V
V
LN, Negative gate drive supply
-5.5V to +0.5V
V
PP-VNN, differential high voltage supply
+220V
V
PP, high voltage positive supply
-0.5V to +200V
V
NN, high voltage negative supply
+0.5V to -200V
Storage temperature
-65°C to 150°C
Thermal enhanced package power
dissipation
1.5W
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Operating Supply Voltages and Current
(Over recommended operating conditions unless otherwise specified: AV
DD = VDD = 12V, VLL = 3.3V, VLN = -5V, TA = 25°C)
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Power-Up Sequence
1V
PP and VSUB
2V
NN
3V
LN
4V
DD
5V
LL
V
LL
Logic supply
1.8
3.3
3.6
V
---
AV
DD
Positive analog supply
9.0
-
12.6
V
---
V
DD
Positive drive supply
9.0
-
12.6
V
---
V
PP
High voltage positive supply for HV
OUTP1
0
-
100
V
---
V
NN
High voltage negative supply for HV
OUTN1
-100
-
0
V
---
V
LN
High voltage negative supply for HV
OUTN2
-4.75
-5.0
-5.25
V
---
V
SUB
High voltage positive supply for to bias
substrate
--
100
V
Need to be the most positive supply on the
device
I
DDQ
V
DD current EN = Low
-
175
290
μA
---
I
DDEN
V
DD current EN = High
-
1.7
2.8
mA
P
IN = NIN = Low
I
DDEN
V
DD current at 5MHz PW
-
7.5
-
mA
f = 5.0MHz, PW D% = 1.0%
No cap on P
DR, NDR
I
PPQ
V
DD current EN = Low
-
2.0
5.0
μA
V
PP = +100V, VNN = -100V
I
PPEN
V
DD current EN = High
-
140
180
μA
P
IN = NIN = Low, VPP = +100V, VNN = -100V
I
NNQ
V
DD current EN = Low
-
-1.0
-3.0
μA
V
PP = +100V, VNN = -100V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com