Electronic Components Datasheet Search
  English  ▼

X  

100C1032 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100C1032
Description  Medium Power PIN Diode SP2T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100C1032 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100C1032 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
100
1400
MHz
DC Current
mA
See Table
Control Type
TTL
1 Line
Logic “0” = J3 - J1
Logic “1” = J3 - J2
Control Current
High
80
µA
VIH = +2.7V
Low
-3.2
mA
VIL = +0.4V
Insertion Loss
.38
0.5
dB
Isolation
60
70
dB
100 - 500 MHz
40
50
dB
500 - 1400 MHz
VSWR
Thru
1.14/1
1.3/1
Impedance
50
OHMS
Switching Speed
10
µSEC
50% TTL to 90% / 10% RF
RF Power
Operate
20
W
CW
Operating Temperature
-55
+25
+85
°CTA
MODEL NO.
100C1032
Medium Power PIN Diode SP2T
FEATURES
100 - 1400 MHz
0.5 dB Insertion Loss
20 Watts CW
TTL Driver
SMA, BNC or TNC Connectors
SP2 T
D A ICO
I ndustries
+5V
CONT
“0”
GND
-5V
J3
J1
J2
•
•
GUARANTEED PERFORMANCE
1.0
0
0
PART NO. EXAMPLE
100C1032 - SMA
SPECIFY CONNECTOR TYPE
BASIC PART NUMBER
1.00
±.03
.06
J1
J2
J3
+5V
-5V
CONT
GND
.149 DIA THRU
(4 PLACES)
TERM., SOLDER
4 PLACES
CONNECTOR,
SMA, BNC, OR TNC FEMALE
(3 PLACES)
1.75
2.250
1.7 5
±.03
.25
.50
2.75
±.03
.25
1.00
.xx = .02
.xxx = .010
PART
IDENTIFICATION
1.250
CURRENT TABLE
LOGIC “1”
+5V AT 30 mA
-5V AT 160 mA
Logic “0”
+5V AT 160 mA
-5V AT 0mA
TYPICAL PERFORMANCE
at 25
°C
3000
1000
400
100
40
10
1.2
1.3
1.4
1.5
1.6
0.2
0.6
0.8
1.0
1.2
20
60
80
100
120
1.1
0.4
40
FREQUENCY (MHz)
VSWR
ISO
I. LOSS


Similar Part No. - 100C1032

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C1003 DAICO-100C1003 Datasheet
136Kb / 1P
SP2T Relay
100C1003-BNC-12 DAICO-100C1003-BNC-12 Datasheet
136Kb / 1P
SP2T Relay
100C1003-BNC-18 DAICO-100C1003-BNC-18 Datasheet
136Kb / 1P
SP2T Relay
100C1003-BNC-26 DAICO-100C1003-BNC-26 Datasheet
136Kb / 1P
SP2T Relay
100C1003-BNC-6 DAICO-100C1003-BNC-6 Datasheet
136Kb / 1P
SP2T Relay
More results

Similar Description - 100C1032

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0613 DAICO-DS0613 Datasheet
157Kb / 1P
PIN Diode SP2T
100C1492 DAICO-100C1492 Datasheet
124Kb / 1P
Medium Power PIN Diode SP2T
100C1592 DAICO-100C1592 Datasheet
130Kb / 1P
Medium Power PIN Diode SP2T
100C1598 DAICO-100C1598 Datasheet
119Kb / 1P
High Power PIN Diode SP2T
CDS0622 DAICO-CDS0622 Datasheet
156Kb / 1P
PIN Diode SP2T
CDS0667 DAICO-CDS0667 Datasheet
155Kb / 1P
PIN Diode SP2T
CDS0912 DAICO-CDS0912 Datasheet
163Kb / 1P
PIN Diode SP2T
CDS0979 DAICO-CDS0979 Datasheet
144Kb / 1P
PIN Diode SP2T
DS0880 DAICO-DS0880 Datasheet
152Kb / 1P
PIN Diode SP2T
DS0966-1 DAICO-DS0966-1 Datasheet
156Kb / 1P
PIN Diode SP2T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com