Electronic Components Datasheet Search
  English  ▼

X  

HV2201 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV2201
Description  Low Charge Injection 8-Channel Enhanced High Voltage Analog Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV2201 Datasheet(HTML) 1 Page - Supertex, Inc

  HV2201 Datasheet HTML 1Page - Supertex, Inc HV2201 Datasheet HTML 2Page - Supertex, Inc HV2201 Datasheet HTML 3Page - Supertex, Inc HV2201 Datasheet HTML 4Page - Supertex, Inc HV2201 Datasheet HTML 5Page - Supertex, Inc HV2201 Datasheet HTML 6Page - Supertex, Inc HV2201 Datasheet HTML 7Page - Supertex, Inc HV2201 Datasheet HTML 8Page - Supertex, Inc HV2201 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Supertex inc.
Supertex inc.
· 1235 Bordeaux Drive, Sunnyvale, CA 94089 · Tel: (408) 222-8888 · FAX: (408) 222-4895 · www.supertex.com
1
NR032106
HV2201
Initial Release
Low Charge Injection 8-Channel
Enhanced High Voltage Analog Switch
Features
HVCMOS technology for high performance
8 Channels of high voltage analog switch
3.3V or 5V CMOS input logic level
20MHz data shift clock frequency
Very low quiescent power dissipation-10µA
Low parasitic capacitance
DC to 10MHz analog signal frequency
-60dB typical off-isolation at 5MHz
CMOS logic circuitry for low power
Excellent noise immunity
Cascadable serial data register with latches
Flexible operating supply voltages
Applications
Medical ultrasound imaging
NDT metal flaw detection
Piezoelectric transducer drivers
Inkjet printer heads
Optical MEMS modules
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The Supertex HV2201 is a low charge injection, 8-channel,
high voltage analog switch integrated circuit (IC). The
device can be used in applications requiring high voltage
switching controlled by low voltage control signals, such as
medical ultrasound imaging, piezoelectric transducer drivers,
and printers. The HV2201 is an enhanced version of the
HV20220.
Input data is shifted into an 8-bit shift register that can then
be retained in an 8-bit latch. To reduce any possible clock
feed- through noise, the latch enable bar should be left high
until all bits are clocked in. Data is clocked in during the rising
edge of the clock. Using HVCMOS technology, this device
combines high voltage bilateral DMOS switches and low
power CMOS logic to provide efficient control of high voltage
analog signals.
The device is suitable for various combinations of high
voltage supplies, e.g., V
PP/VNN:
+40V/-160V, +100V/-100V,
and +160V/-40V.
Block Diagram
D
LE
CL
SW0
D
LE
CL
SW1
D
LE
CL
SW2
D
LE
CL
SW6
D
LE
CL
SW7
CLK
8-BIT
SHIFT
REGISTER
DIN
DOUT
LATCHES
LEVEL
SHIFTERS
OUTPUT
SWITCHES
VNN
LE
CLR
VDD GND
VPP


Similar Part No. - HV2201

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV2201 SUTEX-HV2201 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201FG-G SUTEX-HV2201FG-G Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201PJ-G SUTEX-HV2201PJ-G Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
HV2201 SUTEX-HV2201_11 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
More results

Similar Description - HV2201

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV20220 SUTEX-HV20220 Datasheet
357Kb / 12P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV20420 SUTEX-HV20420 Datasheet
42Kb / 6P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV219 SUTEX-HV219_07 Datasheet
797Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV21716 SUTEX-HV21716 Datasheet
94Kb / 10P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2203 SUTEX-HV2203 Datasheet
841Kb / 9P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Clare, Inc.
CPC7220 CLARE-CPC7220 Datasheet
218Kb / 11P
Low Charge Injection 8-Channel High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220_12 Datasheet
1Mb / 14P
Low Charge Injection, 8-Channel High Voltage Analog Switch
logo
Supertex, Inc
HV20320 SUTEX-HV20320_13 Datasheet
687Kb / 9P
Low Charge Injection 8-Channel High Voltage Analog Switch
HV2201 SUTEX-HV2201_11 Datasheet
816Kb / 10P
Low Charge Injection, 8-Channel, Enhanced, High Voltage Analog Switch
logo
IXYS Corporation
CPC7220 IXYS-CPC7220 Datasheet
260Kb / 11P
Low Charge Injection, 8-Channel High Voltage Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com