Electronic Components Datasheet Search
  English  ▼

X  

MMBD717WS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MMBD717WS
Description  Voltage Range 20 Volts Current 200 mA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MMBD717WS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MMBD717WS Datasheet HTML 1Page - List of Unclassifed Manufacturers MMBD717WS Datasheet HTML 2Page - List of Unclassifed Manufacturers MMBD717WS Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Http://www.upm.com.tw
E-mail:upm.tw@msa.hinet.net
MMBD717WS
SURFACE MOUNT SCHOTTKY DIODES
Voltage Range 20 Volts
Power 200mWatts
U P M
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
VF, Forward Voltage (V)
TA=-25 °C
TA=25 °C
TA=75 °C
TA=125 °C
0.01
0.1
1
10
0
5
10
15
20
VR, Reverse Voltage (V)
TA=25 °C
TA=75 °C
T
A=125 °C
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
VR, Reverse Voltage (V)
Electrical Characteristics ( each diode)
Fig.1 Typical Reverse Characteristics
Fig.2 Typical Forward Characteristics
Fig.3 Typical Total Capacitance



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com