Electronic Components Datasheet Search
  English  ▼

X  

ALD1726GSAL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1726GSAL
Description  PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1726GSAL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1726GSAL Datasheet HTML 1Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 2Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 3Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 4Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 5Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 6Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 7Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 8Page - Advanced Linear Devices ALD1726GSAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.1 ©2011 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
GENERAL DESCRIPTION
The ALD1726/ALD1726G is a monolithic precision CMOS ultra
micropower high slew-rate, high performance operational amplifier
intended for a broad range of analog applications using
±1V to ±5V dual
power supply systems, as well as +2V to +10V battery operated
systems. All device characteristics are specified for +5V single supply
or
±2.5V dual supply systems. Supply current is 40µA maximum at 5V
supply voltage.
The ALD1726/ALD1726G is designed to offer high performance for a
wide range of applications requiring very low power dissipation. It has
been developed specifically for the +5V single battery or
±1V to ±5V dual
battery user and offers the popular industry standard single operational
amplifier pin configuration.
Several important characteristics of the device make application easier
to implement at those voltages. First, the operational amplifier can
operate with rail to rail input and output voltages. This means the signal
input voltage and output voltage can be close to or equal to the positive
and negative supply voltages. This feature allows numerous analog
serial stages and flexibility in input signal bias levels. Second, the
device was designed to accommodate mixed applications where digital
and analog circuits may operate off the same power supply or battery.
Third, the output stage can typically drive up to 25pF capacitive and
20K
Ω resistive loads. These features, combined with extremely low
input currents, high open loop voltage gain of 100V/mV, useful band-
width of 400KHz, a slew rate of 0.17V/
µs, low offset voltage and
temperature drift, make the ALD1726/ALD1726G a versatile,
micropower operational amplifier.
The ALD1726/ALD1726G, designed and fabricated with silicon gate
CMOS technology, offers 0.01 pA typical input bias current. On chip
offset voltage trimming allows the device to be used without nulling in
most applications.
The ALD1726/ALD1726G is also designed to offer tolerance to over-
voltage input spikes of 300mV beyond supply rails, high open loop
voltage gain, and robust operation at temperature extremes. Addition-
ally, robust design and rigorous screening make this device especially
suitable for operation in temperature-extreme environments and rug-
ged conditions.
FEATURES & BENEFITS
• Lead Free - RoHS compatible
• Robust high-temperature operation
•20
µA supply current
• All parameters specified for +5V single supply
or
± 2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required -- unity
gain stable
• Extremely low input bias currents -- 0.1pA
typical (30pA max.)
• Ideal for high source impedance applications
• Dual power supply
±1.0V to ±5.0V operation
• Single power supply +2V to +10V operation
• High voltage gain -- typically 100V/mV @
±2.5V (100dB)
• Drive as low as a 20K
Ω load
• Output short circuit protected
• Unity gain bandwidth of 0.4MHz
• Slew rate of 0.17V/
µs
• Suitable for rugged, temperature-extreme
environments
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Biochemical probe interface
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Precision Sample and Hold amplifiers
• Active filters
• Picoammeter
• Current to voltage converter
Operating Temperature Range
0
°C to +70°C0°C to +70°C
-55
°C to +125°C
8-Pin
8-Pin
8-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD1726SAL
ALD1726PAL
ALD1726DA
ALD1726GSAL
ALD1726GPAL
ALD1726GDA
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
PIN CONFIGURATION
* N/C pins are internally connected. Do not connect externally.
1
2
2
3
4
8
7
6
5
TOP VIEW
N/C
-IN
+IN
N/C
OUT
N/C
V-
V+
TOP VIEW
SAL, PAL, DA PACKAGES
eEPAD
TM
®
N
A
B
L
E
D
E
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1726/ALD1726G
ADVANCED
LINEAR
DEVICES, INC.


Similar Part No. - ALD1726GSAL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726DA ALD-ALD1726DA Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726E ALD-ALD1726E Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726EDA ALD-ALD1726EDA Datasheet
65Kb / 10P
EPAD??ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD1726EDA ALD-ALD1726EDA Datasheet
108Kb / 13P
EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD1726GSAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6061 NSC-LMC6061 Datasheet
312Kb / 12P
Precision CMOS Single Micropower Operational Amplifier
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
Precision CMOS Dual Micropower Operational Amplifier
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
Precision CMOS Quad Micropower Operational Amplifier
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
Micropower Precision CMOS Operational Amplifier
REV. B
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1736A ALD-ALD1736A Datasheet
88Kb / 9P
PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com