Electronic Components Datasheet Search
  English  ▼

X  

ALD110800ASCL Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD110800ASCL
Description  QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD110800ASCL Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD110800ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD110800ASCL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2019 Advanced Linear Devices, Inc., Vers. 2.5
www.aldinc.com
1 of 12
e
EPAD
TM
®
N A
B L
E D
E
ADVANCED
LINEAR
DEVICES, INC.
GENERAL DESCRIPTION
ALD110800A/ALD110800/ALD110900A/ALD110900 are high precision
monolithic quad/dual N-Channel MOSFETs matched at the factory using
ALD’s proven EPAD CMOS technology. These devices are members of
the EPAD® Matched Pair MOSFET Family.
Intended for low voltage small signal applications, the ALD110800/
ALD110900 features Zero-Threshold™ voltage, which reduces or elimi-
nates input to output voltage level shift, including circuits where the signal
is referenced to GND or V+. This feature greatly reduces output signal
voltage level shift and enhances signal operating range, especially for
very low operating voltage environments. With these zero threshold de-
vices, an analog circuit with multiple stages can be constructed to oper-
ate at extremely low supply or bias voltage levels. For example, an input
amplifier stage operating at 0.2V supply voltage has been demonstrated.
ALD110800A/ALD110800/ALD110900A/ALD110900 matched pair
MOSFETs are designed for exceptional device electrical characteristics
matching with the threshold voltage set precisely at +0.00V +/-0.01V, fea-
turing a typical offset voltage of only +/-0.001V (1mV). As these devices
are on the same monolithic chip, they also exhibit excellent tempco track-
ing characteristics. They are versatile as design components for a broad
range of analog applications such as basic building blocks for current
sources, differential amplifier input stages, transmission gates, and multi-
plexer applications.
Besides matched pair electrical characteristics, each individual MOSFET
also exhibits well controlled parameters, enabling the user to depend on
tight design limits. Even units from different batches and different date
of manufacture have correspondingly well matched characteristics.
These devices are built for minimum offset voltage and differential ther-
mal response, and they are designed for switching and amplifying appli-
cations in +0.2V to +10V systems where low input bias current, low input
capacitance, and fast switching speed are desired. The VGS(th) of these
devices is set at +0.00V, which classifies them as both enhancement mode
and depletion mode devices. When the gate is set at 0.00V, the drain
current is +1µA @ VDS = 0.1V, which allows a class of circuits with output
voltage level biased at or near input voltage level without voltage level
shift. These devices exhibit well controlled turn-off and sub-threshold
characteristics of standard enhancement mode MOSFETs.
The ALD110800A/ALD110800/ALD110900A/ALD110900 feature high in-
put impedance (1012Ω) and high DC current gain (>10
8). A sample calcu-
lation of the DC current gain at a drain current of 3mA and input leakage
current of 30pA at 25°C is 3mA/30pA = 100,000,000. For most applica-
tions, connect the V+ pin to the most positive voltage and the V- and IC
pins to the most negative voltage in the system. All other pins must have
voltages within these voltage limits at all times.
QUAD/DUAL N-CHANNEL ZERO THRESHOLD™ EPAD®
PRECISION MATCHED PAIR MOSFET ARRAY
FEATURES
• Precision zero threshold voltage mode
• Nominal RDS(ON) @ VGS = 0.00V of 104KΩ
• Matched MOSFET-to-MOSFET characteristics
• Tight lot-to-lot parametric control
• VGS(th) match (VOS) to 2mV and 10mV max.
• Positive, zero, and negative VGS(th) tempco
• Low input capacitance
• Low input/output leakage currents
APPLICATIONS
• Energy harvesting circuits
• Very low voltage analog and digital circuits
• Zero power fail safe circuits
• Backup battery circuits & power failure detector
• Low level voltage clamp & zero crossing detector
• Source followers and buffers
• Precision current mirrors and current sources
• Capacitives probes and sensor interfaces
• Charge detectors and charge integrators
• Differential amplifier input stage
• High side switches
• Peak detectors and level shifters
• Sample and Hold
• Current multipliers
• Analog switches / multiplexers
• Voltage comparators and level shifters
ALD110800A/ALD110800/ALD110900A/ALD110900
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
* Contact factory for industrial temp. range or user-specified threshold voltage values.
Operating Temperature Range*
0°C to +70°C0°C to +70°C
16-Pin
16-Pin
8-Pin
8-Pin
SOIC
Plastic Dip
SOIC
Plastic Dip
Package
Package
Package
Package
ALD110800ASCL
ALD110800APCL
ALD110900ASAL
ALD110900APAL
ALD110800SCL
ALD110800PCL
ALD110900SAL
ALD110900PAL
*IC pins are internally connected, connect to V-
SCL, PCL PACKAGES
PIN CONFIGURATIONS
SAL, PAL PACKAGES
VGS(th)= +0.00V
IC*
1
2
3
14
15
16
4
13
5
12
IC*
6
7
8
10
11
GN1
DN1
IC*
DN4
IC*
GN4
9
GN3
DN3
DN2
GN2
V+
S34
S12
V-
V+
V-
M 4
M 3
M 1
M 2
V-
V-
V-
V-
V-
GN1
DN1
S12
DN2
GN2
1
2
3
6
7
8
4
5
M 1
M 2
V-
V-
V-
IC*
IC*
ALD110800
ALD110900


Similar Part No. - ALD110800ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD110800ASCL ALD-ALD110800ASCL Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD110800ASCL ALD-ALD110800ASCL Datasheet
104Kb / 12P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD
More results

Similar Description - ALD110800ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1121E ALD-ALD1121E_12 Datasheet
148Kb / 14P
QUAD/DUAL EPAD짰 PRECISION N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD210800 ALD-ALD210800 Datasheet
112Kb / 12P
PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD210808 ALD-ALD210808_V01 Datasheet
519Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
2019
ALD310700 ALD-ALD310700_V01 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
ALD114804A ALD-ALD114804A Datasheet
112Kb / 12P
QUAD/DUAL N-CHANNEL DEPLETION MODE EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2016
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD310700A ALD-ALD310700A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ZERO THRESHOLD??MATCHED PAIR
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com