Electronic Components Datasheet Search
  English  ▼

X  

ALD210804PCL Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD210804PCL
Description  PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER??MATCHED PAIR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD210804PCL Datasheet(HTML) 7 Page - Advanced Linear Devices

Back Button ALD210804PCL Datasheet HTML 3Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 4Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 5Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 6Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 7Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 8Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 9Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 10Page - Advanced Linear Devices ALD210804PCL Datasheet HTML 11Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ALD210804
Advanced Linear Devices
7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS (cont.)
ZERO TEMPERATURE COEFFICIENT (ZTC)
GATE SOURCE OVERDRIVE VOLTAGE
VGS - VGS(th) (V)
500
300
0
+0.3
+0.5
0
+0.4
+0.2
+0.1
400
200
100
+125°C
- 55°C
+25°C
VDS = + 0.1V
Zero Temperature
Coefficient (ZTC)
DRAIN SOURCE ON CURRENT vs.
GATE SOURCE OVERDRIVE VOLTAGE
100
80
60
40
20
0
5
4
3
2
1
0
GATE SOURCE OVERDRIVE VOLTAGE
VGS - VGS(th) (V)
VDS = + 10V
-55°C
+25°C
+70°C
+125°C
GATE SOURCE OVERDRIVE VOLTAGE
vs. DRAIN SOURCE ON CURRENT
0
10
20
30
40
70
60
50
DRAIN SOURCE ON CURRENT - IDS(ON) (mA)
4
3
2
5
1
0
+125°C
+25°C
+70°C
-55°C
0°C
V+ = VDS = + 5V
5
4
3
2
1
0
10
8
6
4
2
0
GATE SOURCE OVERDRIVE VOLTAGE
vs. DRAIN SOURCE ON CURRENT
DRAIN SOURCE ON CURRENT - IDS(ON) (mA)
VDS = + 0.2V
+125°C
+70°C
+25°C
- 55°C
0°C
GATE THRESHOLD VOLTAGE vs.
AMBIENT TEMPERATURE
2.0
0
AMBIENT TEMPERATURE - TA (°C)
-50
-25
0
+25
+50
+125
+100
+75
-1.0
-2.0
1.0
VDS = + 0.1V
ID = 10µA
VGS(th) = 0.8V
VGS(th) = 0.0V
VGS(th) = -1.4V
OUTPUT CHARACTERISTICS
DRAIN SOURCE ON VOLTAGE - VDS(ON) (V)
100
80
60
40
20
0
5
4
3
2
1
0
VGS = VGS(th) + 4V
+125°C
+70°C
-55°C
+25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com