Electronic Components Datasheet Search
  English  ▼

X  

ALD4702ASBL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD4702ASBL
Description  QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4702ASBL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD4702ASBL Datasheet HTML 1Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 2Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 3Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 4Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 5Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 6Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 7Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 8Page - Advanced Linear Devices ALD4702ASBL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ALD4702A/ALD4702B
Advanced Linear Devices
2 of 9
ALD4702
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+ referenced to V-
-0.3V to V++10.6V
Supply voltage, VS referenced to V-
±5.3V
Differential input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating tempurature range SBL, PBL packages
0°C to +70°C
DB package
-55°C to +125°C
Storage tempurature range
-65°C to +150°C
Lead tempurature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
Supply
VS
±2.0
±5.0
±2.0
±5.0 ±2.0
±5.0
V
Dual Supply
Voltage
V+
4.0
10.0
4.0
10.0
4.0
10.0
V
Single Supply
Input Offset
VOS
2.0
5.0
10.0
mV
RS ≤ 100KΩ
Voltage
2.8
5.8
11.0
mV
0°C ≤ TA ≤ +70°C
Input Offset
IOS
1.0
25
1.0
25
1.0
25
pA
TA = 25°C
Current
240
240
240
pA
0°C ≤ TA ≤ +70°C
Input Bias
IB
1.0
30
1.0
30
1.0
30
pA
TA = 25°C
Current
300
300
300
pA
0°C ≤ TA ≤ +70°C
Input Voltage
VIR
-0.3
5.3
-0.3
5.3
-0.3
5.3
V
V+ = +5V
Range
-2.8
+2.8
-2.8
+2.8
-2.8
+2.8
V
VS = ±2.5V
Input
RIN
1012
1012
1012
Ω
Resistance
Input Offset
TCVOS
77
7
µV/°CRS ≤ 100KΩ
Voltage Drift
Power Supply
PSRR
65
83
65
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
65
83
65
83
60
83
0°C ≤ TA ≤ +70°C
Common Mode
CMRR
65
83
65
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
65
83
65
83
60
83
0°C ≤ TA ≤ +70°C
Large Signal
AV
15
28
15
28
12
28
V/mV
RL = 10KΩ
Voltage Gain
100
100
100
V/mV
RL ≥ 1MΩ
Output
VO low
0.002
0.01
0.002 0.01
0.002
0.01
RL = 1MΩ Single supply
Voltage
VO high
4.99
4.998
4.99
4.998
4.99
4.998
V
0°C ≤ TA ≤ +70°C
Range
VO low
-2.44
-2.40
-2.44 -2.40
-2.44
-2.40
V
RL = 10KΩ Dual supply
VO high
2.40
2.44
2.40
2.44
2.40
2.44
V
0°C ≤ TA ≤ +70°C
Output Short
ISC
88
8
mA
Circuit Current
Supply
IS
4.0
6.0
4.0
6.0
4.0
6.0
mA
VIN = 0V No Load
Current
Power
PD
20
30
20
30
20
30
mW
Both amplifiers
Dissipation
VS = ±2.5V
Input
CIN
11
1
pF
Capacitance
Bandwidth
BW
0.7
1.5
0.7
1.5
0.7
1.5
MHz
Slew Rate
SR
1.1
1.9
1.1
1.9
1.1
1.9
V/µsAV = +1 RL = 10KΩ
Rise time
tr
0.2
0.2
0.2
µsRL = 10KΩ
Overshoot
10
10
10
%
RL = 10KΩ CL = 100pF
Factor
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C VS = ±2.5V unless otherwise specified
4702A
4702B
4702
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com