Electronic Components Datasheet Search
  English  ▼

X  

ALD4702APBL Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD4702APBL
Description  QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4702APBL Datasheet(HTML) 7 Page - Advanced Linear Devices

  ALD4702APBL Datasheet HTML 1Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 2Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 3Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 4Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 5Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 6Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 7Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 8Page - Advanced Linear Devices ALD4702APBL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ALD4702A/ALD4702B
Advanced Linear Devices
7 of 9
ALD4702
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
b
C
D-14
E
e
H
L
S
1.75
0.25
0.45
0.25
8.75
4.05
6.30
0.937
8°
0.50
0.053
0.004
0.014
0.007
0.336
0.140
0.224
0.024
0°
0.010
0.069
0.010
0.018
0.010
0.345
0.160
0.248
0.037
8°
0.020
1.27 BSC
0.050 BSC
1.35
0.10
0.35
0.18
8.55
3.50
5.70
0.60
0°
0.25
ø
14 Pin Plastic SOIC Package
SOIC-14 PACKAGE DRAWING
E
D
e
A
A1
b
S (45°)
L
C
H
S (45°)
ø



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com