Electronic Components Datasheet Search
  English  ▼

X  

ALD555PAL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD555PAL
Description  HIGH SPEED CMOS TIMER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD555PAL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD555PAL Datasheet HTML 1Page - Advanced Linear Devices ALD555PAL Datasheet HTML 2Page - Advanced Linear Devices ALD555PAL Datasheet HTML 3Page - Advanced Linear Devices ALD555PAL Datasheet HTML 4Page - Advanced Linear Devices ALD555PAL Datasheet HTML 5Page - Advanced Linear Devices ALD555PAL Datasheet HTML 6Page - Advanced Linear Devices ALD555PAL Datasheet HTML 7Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ALD555
Advanced Linear Devices
2 of 7
ABSOLUTE MAXIMUM RATINGS
Supply voltage, V+
13.2V
Input voltage range
-0.3V to V+ +0.3V
Power dissipation
600 mW
Operating temperature range
SAL, PAL packages
0°C to + 70°C
DA package
-55°C to +125°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25
oC V+ = +5V unless otherwise specified
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply Voltage
V+
212
V
Supply Current
IS
100
180
µA
Outputs Unloaded
Timing error / Astable mode
Initial Accuracy
terr
1.0
2.2
%
C = 0.1µF
Drift with Temperature 1
∆t/∆T
10.0
ppm/°CRA = 1KΩ
Drift with Supply Voltage 1
∆t/∆V+
0.1
%/V
RB = 1KΩ
Threshold Voltage
VTH
3.233
3.333
3.433
V
Trigger Voltage
VTRIG
1.607
1.667
1.737
V
Trigger Current 2
ITRIG
.001
0.2
nA
Reset Voltage
VRST
0.4
0.7
1.0
V
Reset Current 2
IRST
.001
0.2
nA
Threshold Current 2
ITH
.001
0.2
nA
Control Voltage Level
VCONT
3.273
3.333
3.393
V
Output Voltage Drop (Low)
VOL
0.2
0.4
V
ISINK = 10mA
Output Voltage Drop (High)
VOH
4.2
V
ISOURCE = -2mA
Rise Time of Output 1
tr
15
30
ns
RL = 10MΩ
Fall Time of Output 1
tf
10
30
ns
CL = 10pF
Discharge Transistor
IDL
.01
nA
Leakage Current
Discharge Voltage Drop
VDISC
0.5
1.0
V
I DISCHARGE = 80mA
0.2
0.4
V
I DISCHARGE = 30mA
Maximum Frequency
RA = 470Ω
Astable Mode
fMAX
1.4
2
MHz
RB = 200Ω
CT = 200pF
Notes:
1 Sample tested parameters.
2 Consists of junction leakage currents with strong temperature dependence.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com