Electronic Components Datasheet Search
  English  ▼

X  

100D0712 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # 100D0712
Description  Attenuator 7 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

100D0712 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  100D0712 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
100D0712
FEATURES
DC - 400 MHz
0.25 dB or 1 dB LSB
Up to 63 dB Range
SMA Connectors
7 BIT
D A ICO
I ndustries
Rev. E / Iss. 1
.xx = .02
.xxx = .010
.875
±.03
CONNECTOR
SMA FEMALE
(2 PLACES)
SOLDER TERMINAL
2 TYPES
(8 PLACES)
.25
5.00
J1
J2
5.375
5.75
±.03
.18
.375
1.250
1.75
±.03
.144 DIA
THRU
(4 PLACES)
COM
.09
PART IDENTIFICATION
B 2 dB
16 dB
8 dB 16 dB
4 dB
16 dB 1 dB
-1 2 dB
0.5 dB
8 dB .25 dB
4 dB
16 dB 1 dB
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
DC
400
MHz
DC Current Per Section
17
mA
At +24 VDC Supply
Insertion Loss
1.5
dB
DC - 100 MHz
3.5
dB
100 - 400 MHz
Attenuation
LSB
dB
See Attenuation Table
Range
dB
See Attenuation Table
Accuracy
dB
± (0.15 dB +2% of Atten.
Setting in dB) for Values
≥ 1 dB
± (0.05 dB +2% of Atten.
Setting in dB) for Values < 1 dB
VSWR
1.25/1
Impedance
50
OHMS
Switching Speed
5
mSec
50% TTL to 90% / 10% RF
RF Power
Operate
+20
dBm
0.1 dB Compression
No Damage
+27
dBm
Operating Temperature
-55
+25
+85
°CTA
GUARANTEED PERFORMANCE
ATTENUATION TABLE
BASIC
2 dB
16 dB
8 dB
COM
16 dB
4 dB
16 dB
1 dB
(1/2 32 dB)
(1/2 32 dB)
-1
2 dB
0.5 dB
8 dB
COM
.25 dB
4 dB
16 dB
1 dB
••
•
•
••
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
J2
J1
Attenuator 7 Section


Similar Part No. - 100D0712

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0688 DAICO-100D0688 Datasheet
24Kb / 1P
3 Port Antenna Selector
100D0896 DAICO-100D0896 Datasheet
158Kb / 1P
Phase Shifter 6 Section
100D0896-60MHZ-BNC DAICO-100D0896-60MHZ-BNC Datasheet
158Kb / 1P
Phase Shifter 6 Section
100D0896-60MHZ-SMA DAICO-100D0896-60MHZ-SMA Datasheet
158Kb / 1P
Phase Shifter 6 Section
100D0896-60MHZ-TNC DAICO-100D0896-60MHZ-TNC Datasheet
158Kb / 1P
Phase Shifter 6 Section
More results

Similar Description - 100D0712

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CAT76235 DAICO-CAT76235 Datasheet
196Kb / 1P
Attenuator 7 Section
CDA0867 DAICO-CDA0867 Datasheet
197Kb / 1P
GaAs 7 Section Attenuator
DA0617 DAICO-DA0617 Datasheet
43Kb / 1P
Schottky Diode 7 Section Attenuator
DA0887 DAICO-DA0887 Datasheet
193Kb / 1P
GaAs 7 Section Attenuator
DA0897 DAICO-DA0897 Datasheet
194Kb / 1P
GaAs 7 Section Attenuator
DAT76191 DAICO-DAT76191 Datasheet
194Kb / 1P
PIN Diode 7 Section Attenuator
DAT76199 DAICO-DAT76199 Datasheet
181Kb / 1P
Attenuator 7 Section
DAT76227 DAICO-DAT76227 Datasheet
179Kb / 1P
Attenuator 7 Section
DAT76228 DAICO-DAT76228 Datasheet
176Kb / 1P
Attenuator 7 Section
DAT76287 DAICO-DAT76287 Datasheet
179Kb / 1P
Attenuator 7 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com